Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 10 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company LR8406 Datasheet HTML 11Page - Leshan Radio Company LR8406 Datasheet HTML 12Page - Leshan Radio Company LR8406 Datasheet HTML 13Page - Leshan Radio Company LR8406 Datasheet HTML 14Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
is put into shutdown mode and draws less than 1 A current from battery. After start-up, the internal
circuitry is supplied by VOUT, however, if shutdown mode is enabled, the internal circuitry will be supplied
by the input source again.
If CE is driven from a logic-level output, the logic high-level (on) should be referenced to VOUT to avoid
intermittently switching the device on.
Note:
If pin CE is not used, it should be connected directly to pin VOUT.
In cases where there is residual voltage during shutdown, some small amount of energy will be
transferred from pin VOUT to pin VIN immediately after shutdown, resulting in a momentary spike of the
voltage at pin VIN. The ratio of CIN and COUT partly determine the size and duration of this spike, as does
the current-sink ability of the input device.
Thermal Shutdown
If the die temperature reaches 150°C, the part will go into thermal shutdown, all switches will be turned off
The part will be enabled again when the die temperature drops by about 15°C.
TYPICAL PERFORMANCE CHARACTERISTICS
(TA=25
, unless otherwise specified, Test Figure1 above)
Table of Graphs
FIGURE
Efficiency
vs Output Current
and Input Voltage
Figure3
Figure5
Figure7
Figure9
VOUT
Load Regulation
vs Output Current
and Input Voltage
Figure4
Figure6
Figure8
Figure10
VSTART
Minimum Start-Up Voltage
vs Output Current
Figure11
Waveforms
SW Pin Antiringing Operation
Figure12
SW Pin Fixed Frequency, Continuous
Inductor Current Operation
Figure13
VOUT Load transient response
Figure14
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com