Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR8406 Datasheet HTML 1Page - Leshan Radio Company LR8406 Datasheet HTML 2Page - Leshan Radio Company LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
disconnect feature.
6
VIN
I
Battery Input Voltage. The device gets its start-up bias from VIN. Once VOUT
exceeds 2.3V, bias comes from VOUT. Thus, once started, operation is completely
independent from VIN. Operation is only limited by the output power level and the
battery’s internal series resistance. PCB trace length from VIN to the input filter
capacitor(s) should be as short and wide as possible. Care should be taken to
minimize the loop area formed by the input filter capacitor(s) connections, the
VIN pin, and the
ground pin. The minimum recommended input filter
capacitance is 4.7 F ceramic with a X5R or X7R dielectric and the optimum
placement is closest to the VIN pin and the GND pin.
(1) I = input; O = output; P = power
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, TA=25°C)
(1)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
(2)
VIN
-0.3~7
V
SW Voltage
(2)
-0.3~7
V
CE, FB Voltage
(2)
-0.3~7
V
Output Voltage range
(2)
VOUT
-0.3~7
V
Peak SW Sink and Source Current
ISWMAX
1.5
A
Operating Virtual Junction
Temperature Range
Tj
-40~150
Storage Temperature
Tstg
-40~125
Lead Temperature(Soldering, 10 sec)
Tsolder
260
ESD rating
(3)
Human Body Model - (HBM)
4000
V
Machine Model- (MM)
200
V
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under
recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods
my affect device reliability.
(2) All voltages are with respect to network ground terminal.
(3) ESD testing is performed according to the respective JESD22 JEDEC standard.
The human body model is a 100 pF capacitor discharged through a 1.5k
resistor into each pin. The machine model is a
200pF capacitor discharged directly into each pin.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. Chipower recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com