Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LR8406 Datasheet HTML 2Page - Leshan Radio Company LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company LR8406 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
POWER SWITCH
N-CH MOSFET On Resistance
(3)
RDS(ON)
VOUT=3.3V
350
m
VOUT=5.0V
200
P-CH MOSFET On Resistance
(3)
VOUT=3.3V
450
VOUT=5.0V
300
N-CH MOSFET Switch Leakage
ISWLEAK
VSW=5.0V
±0.01
±1
A
P-CH MOSFET Switch Leakage
VSW=5.0V, VOUT=0V
±0.01
±1
A
NMOS Cycle by Cycle Current Limit
(4)
ICL
VOUT=5.0V
1.2
A
Current Limit Delay to Output
(5)
40
nS
OUTPUT
Output Voltage Range
(6)
VOUT
2.5
5.5
V
Feedback regulation voltage
VFB
1.192
1.230
1.268
V
Feedback Input bias Current
(7)
IFB
VFB=1.30V
±50
nA
OVER TEMPERATURE PROTECTION
Thermal Shutdown
TTSD
150
Thermal Shutdown Hysteresis
TTSDHYS
15
(1) Typical numbers are at 25°C and represent the most likely norm.
(2) Minimum VIN operation after start-up is only limited by the battery’s ability to provide the necessary power as it enters
a deeply discharged state.
(3) Does not include the bond wires. Measured directly at the die.
(4) Duty cycle affects current limit due to ramp generator.
(5) Specification is guaranteed by design and not 100% tested in production.
(6) The fixed voltage version effective output voltage.
(7) Bias current flows into FB pin. Specification is guaranteed by design and not 100% tested in production.
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com