Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8406 Datasheet HTML 1Page - Leshan Radio Company LR8406 Datasheet HTML 2Page - Leshan Radio Company LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ORDER INFORMATION
(1)
Operating free air
temperature range
Output Voltage
Package
Device No.
-40~+85
Adjustable
SOT-23-6
8406AE
-40~+85
3.3V
8406A33E
-40~+85
5.0V
8406A50E
(1) Contact Chipower to check availability of other fixed output voltage versions.
TYPICAL APPLICATION CIRCUIT
Figure 1 Standard Application Circuit
PIN CONFIGURATION:
PIN ASSIGNMENTS
(TOP VIEW)
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com