Electronic Components Datasheet Search
  English  ▼

X  

LR8406 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8406
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8406 Datasheet HTML 1Page - Leshan Radio Company LR8406 Datasheet HTML 2Page - Leshan Radio Company LR8406 Datasheet HTML 3Page - Leshan Radio Company LR8406 Datasheet HTML 4Page - Leshan Radio Company LR8406 Datasheet HTML 5Page - Leshan Radio Company LR8406 Datasheet HTML 6Page - Leshan Radio Company LR8406 Datasheet HTML 7Page - Leshan Radio Company LR8406 Datasheet HTML 8Page - Leshan Radio Company LR8406 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Table 1.
SOT23-6
Pin Description
PIN
TYPE
(1)
DESCRIPTION
NO.
NAME
1
SW
I/O
Switch Pin. Connect an inductor between this pin and VIN. Keep the PCB trace
lengths as short and wide as is practical to reduce EMI and voltage overshoot. If
the inductor current falls to zero, or pin CE is low, an internal anti-ringing switch is
connected from this pin to VIN to minimize EMI.
2
GND
P
Signal and Power Ground.
Connect GND with large copper areas directly to the input and output supply
returns and negative terminals of the input and output capacitors..
This pin should be connected to a continuous PCB ground for high-current power
converter as close as to the device by several vias directly under the IC for
electrical contact and rated thermal performance. It dissipates the heat from the
IC.
3
FB/NC
I
Feedback Input / Not Connect (for fixed Voltage).
Feedback Input to the gm Error Amplifier. Connect resistor divider tap to this pin.
The output voltage can be adjusted from 2.5V to 5.5V by:
VOUT =1.23V [1+(R2/R1)]
The feedback network, resistors R1 and R2, should be kept close to the FB pin,
and away from the inductor, SW
inductor and Schottky diode switching node on
the PCB layout to minimize copper trace connections that can inject noise into
the system.
4
CE
I
Chip Enable.
CE=High: Normal free running operation, 1.2MHz typical operating frequency.
CE=Low: Shutdown; quiescent current <1 A. Output capacitor can be completely
discharged through the load or feedback resistors. An anti-ringing switch is
internally connected between SW and VIN. If CE is undefined, pin SW may ring.
5
VOUT
I/O
Output Voltage Sense Input and Drain of the Internal Synchronous Rectifier
P-MOSFET.
Bias is derived from VOUT when VOUT exceeds 2.3V. PCB trace length from VOUT
to the output filter capacitor(s) should be as short and wide as possible. Care
should be taken to minimize the loop area formed by the output filter capacitor(s)
connections, the VOUT pin, and the
ground pin. The minimum
recommended output filter capacitance is 4.7 F ceramic with a X5R or X7R
dielectric and the optimum placement is closest to the VOUT pin and the GND pin.
VOUT is completely disconnected from VIN when CE is low, due to the output
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com