Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
6
8613f
Typical perForMance characTerisTics
Frequency Foldback
Soft-Start Tracking
Soft-Start Current
PG Low Thresholds
PG High Thresholds
RT Programmed Switching
Frequency
VIN UVLO
Switching Waveforms
Switching Waveforms
FB VOLTAGE (V)
0
300
400
500
0.6
1
8613 G19
200
100
0
0.2
0.4
0.8
600
700
800
VOUT = 3.3V
VIN = 12V
VSYNC = 0V
RT = 60.4k
TR/SS VOLTAGE (V)
0
0.8
1.0
1.2
0.6
1.0
8613 G20
0.6
0.4
0.2
0.4
0.8
1.2
1.4
0.2
0
TEMPERATURE (°C)
–50
2.3
35
8613 G21
2.0
1.8
–25
5
65
1.7
1.6
2.4
2.2
2.1
1.9
95
125 155
VSS = 0.5V
TEMPERATURE (°C)
–55
7.0
7.5
8.5
9.0
9.5
12.0
10.5
5
65
95
125
8613 G22
8.0
11.0
11.5
10.0
–25
35
155
FB RISING
FB FALLING
TEMPERATURE (°C)
–55
–12.0
–11.5
–10.5
–10.0
–9.5
–7.0
–8.5
5
65
95
125
8613 G23
–11.0
–8.0
–7.5
–9.0
–25
35
155
FB RISING
FB FALLING
SWITCHING FREQUENCY (MHz)
0.2
150
200
250
1.8
8613 G24
100
50
125
175
225
75
25
0
0.6
1
1.4
2.2
TEMPERATURE (°C)
–55
3.4
35
8613 G25
2.8
2.4
–25
5
65
2.2
2.0
3.6
3.2
3.0
2.6
95
125 155
IL
1A/DIV
VSW
5V/DIV
5µs/DIV
12VIN TO 5VOUT AT 20mA; FRONT PAGE APP
VSYNC = 0V
8613 G26
IL
1A/DIV
VSW
5V/DIV
1µs/DIV
12VIN TO 5VOUT AT 2A
FRONT PAGE APP
8613 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com