Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
7
8613f
Typical perForMance characTerisTics
Switching Waveforms
Transient Response
Transient Response
Transient Response
Start-Up Dropout Performance
Start-Up Dropout Performance
IL
1A/DIV
VSW
10V/DIV
500ns/DIV
36VIN TO 5VOUT AT 2A
FRONT PAGE APP
8613 G28
ILOAD
1A/DIV
VOUT
200mV/DIV
50µs/DIV
0.1A TO 1.1A TRANSIENT
12VIN TO 5VOUT
COUT = 2×47µF
FRONT PAGE APP
8613 G29
ILOAD
1A/DIV
VOUT
200mV/DIV
20µs/DIV
1A TO 2A TRANSIENT
12VIN TO 5VOUT
COUT = 2×47µF
FRONT PAGE APP
8613 G30
ILOAD
1A/DIV
VOUT
200mV/DIV
20µs/DIV
1A TO 3A TRANSIENT
12VIN TO 5VOUT
COUT = 2×47µF
FRONT PAGE APP
8613 G31
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
2.5 LOAD
(2A IN REGULATION)
8613 G32
VIN
VOUT
VIN
2V/DIV
VOUT
2V/DIV
100ms/DIV
20 LOAD
(250mA IN REGULATION)
8613 G33
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com