Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
8
8613f
Typical perForMance characTerisTics
VISP-VISN Sense Voltage
IMON Voltage
VISP-VISN Sense Voltage
IMON Voltage
ICTRL Voltage
IMON Voltage
ICTRL VOLTAGE (mV)
0
0
10
20
30
40
50
60
500
1000
1500
2000
8613 G40
TEMPERATURE (°C)
–50
51
52
53
150
8613 G41
50
49
48
46
0
50
100
–25
25
75
125
47
55
54
VISP = 0V
VISP = 3V
ISP-ISN COMMON MODE (V)
0
45
46
48
49
50
55
52
1
2
2.5
3
8613 G42
47
53
54
51
0.5
1.5
3.5
VISP-VISN (mV)
0
0
200
400
600
800
1000
1200
10
20
30
40
8613 G43
50
VSYNC = 3.3V
VISP-VISN (mV)
0
0
200
400
600
800
1000
1200
10
20
30
40
8613 G44
50
VSYNC = 0V
ISP-ISN COMMON MODE (V)
0
0.90
0.95
1.00
1.05
1.10
0.5
1
1.5
2
8613 G45
2.5
3
3.5
VISP-VISN = 50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com