Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
12
8613f
applicaTions inForMaTion
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8613 operates
in low ripple Burst Mode operation, which keeps the out-
put capacitor charged to the desired output voltage while
minimizing the input quiescent current and minimizing
output voltage ripple. In Burst Mode operation the LT8613
deliverssinglesmallpulsesofcurrenttotheoutputcapaci-
tor followed by sleep periods where the output power is
supplied by the output capacitor. While in sleep mode the
LT8613 consumes 1.7μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1a) and the percentage
of time the LT8613 is in sleep mode increases, resulting in
much higher light load efficiency than for typical convert-
ers. By maximizing the time between pulses, the converter
quiescentcurrentapproaches2.5µAforatypicalapplication
when there is no output load. Therefore, to optimize the
quiescent current performance at light loads, the current
in the feedback resistor divider must be minimized as it
appears to the output as load current.
While in Burst Mode operation the current limit of the top
switchisapproximately1Aresultinginoutputvoltageripple
shown in Figure 2. Increasing the output capacitance will
decrease the output ripple proportionally. As load ramps
upward from zero the switching frequency will increase
but only up to the switching frequency programmed by
the resistor at the RT pin as shown in Figure 1a. The out-
put load at which the LT8613 reaches the programmed
frequency varies based on input voltage, output voltage,
and inductor choice.
For some applications it is desirable for the LT8613 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned to
the clock. In this mode much of the internal circuitry is
awake at all times, increasing quiescent current to several
hundred µA. Second is that full switching frequency is
reached at lower output load than in Burst Mode operation
(see Figure 1b). To enable pulse-skipping mode, the SYNC
pin is tied high either to a logic output or to the INTVCC
pin. When a clock is applied to the SYNC pin the LT8613
will also operate in pulse-skipping mode.
Figure 1. SW Frequency vs Load Information in
Burst Mode Operation (1a) and Pulse-Skipping Mode (1b)
Figure 2. Burst Mode Operation
Minimum Load to Full Frequency (SYNC DC High)
Burst Frequency
(1a)
(1b)
LOAD CURRENT (mA)
0
0
500
600
800
8613 F01a
400
300
200
100
700
100
200
500
300
400
VIN = 12V
VOUT = 5V
L = 3.9µH
INPUT VOLTAGE (V)
0
0
40
50
60
8613 F01b
30
20
10
10
20
50
30
40
FRONT PAGE
APPLICATION
IL
1A/DIV
VSW
5V/DIV
5µs/DIV
12VIN TO 5VOUT AT 20mA; FRONT PAGE APP
VSYNC = 0V
8613 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com