Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 5 Page - Linear Technology

  LT8613 Datasheet HTML 1Page - Linear Technology LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
5
8613f
Typical perForMance characTerisTics
Top FET Current Limit
Minimum On-Time
Minimum Off-Time
Dropout Voltage
Burst Frequency
Switching Frequency
No Load Supply Current
Top FET Current Limit vs Duty Cycle
Minimum Load to Full Frequency
(SYNC Hi)
INPUT VOLTAGE (V)
0
2.0
2.4
2.6
2.8
3.8
3.2
10
20
8613 G10
2.2
3.4
3.6
3.0
30
40
50
VOUT = 5V
DUTY CYCLE (%)
0
4
6
10
8
20
40
8613 G11
5
9
7
60
80
100
LOAD CURRENT (mA)
0
0
500
600
800
8613 G17
400
300
200
100
700
100
200
500
300
400
VIN = 12V
VOUT = 5V
L = 3.9µH
INPUT VOLTAGE (V)
0
0
40
50
60
8613 G18
30
20
10
10
20
50
30
40
TEMPERATURE (°C)
–50
4
6
7
11
9
–25
0
8613 G12
5
10
8
25
50
75 100 125 150
15% DUTY CYCLE
70% DUTY CYCLE
LOAD CURRENT (A)
0
15
25
30
45
1
8613 G13
20
40
35
2
3
4
5
6
VSYNC = 0V
VSYNC = 3.3V
TEMPERATURE (°C)
–50
60
80
85
100
–25
8613 G14
75
70
65
95
90
0
25
50
75
150
100 125
LOAD CURRENT (A)
0
0
0.3
0.4
0.6
8613 G15
0.2
0.1
0.5
1
2
3
6
4
5
TEMPERATURE (°C)
–50
660
710
720
740
8613 G16
700
690
680
670
730
–25
0
25
50
150
100
75
125
RT = 60.4k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com