Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 17 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
17
8613f
applicaTions inForMaTion
capacitor on TR/SS enables soft starting the output to pre-
ventcurrentsurgeontheinputsupply.Duringthesoft-start
ramptheoutputvoltagewillproportionallytracktheTR/SS
pin voltage. For output tracking applications, TR/SS can
be externally driven by another voltage source. From 0V to
0.97V, the TR/SS voltage will override the internal 0.97V
reference input to the error amplifier, thus regulating the
FB pin voltage to that of TR/SS pin. When TR/SS is above
0.97V, tracking is disabled and the feedback voltage will
regulate to the internal reference voltage. The TR/SS pin
may be left floating if the function is not needed.
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the EN/UV pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Output Power Good
When the LT8613’s output voltage is within the ±9%
window of the regulation point, which is a VFB voltage in
the range of 0.883V to 1.057V (typical), the output voltage
is considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PG pin low. To prevent glitching both the upper and
lower thresholds include 1.3% of hysteresis.
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 1V, INTVCC has fallen too
low, VIN is too low, or thermal shutdown.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC pin
below 0.4V (this can be ground or a logic low output). To
synchronizetheLT8613oscillatortoanexternalfrequency
connect a square wave (with 20% to 80% duty cycle) to
the SYNC pin. The square wave amplitude should have val-
leys that are below 0.4V and peaks above 2.4V (up to 6V).
Figure 4. LT8613 Sense Voltage vs IMON Voltage
INTVCC Regulator
Aninternallowdropout (LDO)regulatorproducesthe 3.4V
supply from VIN that powers the drivers and the internal
bias circuitry. The INTVCC can supply enough current for
the LT8613’s circuitry and must be bypassed to ground
withaminimumof1μFceramiccapacitor.Goodbypassing
is necessary to supply the high transient currents required
by the power MOSFET gate drivers. To improve efficiency
the internal LDO can also draw current from the BIAS
pin when the BIAS pin is at 3.1V or higher. Typically the
BIAS pin can be tied to the output of the LT8613, or can
be tied to an external supply of 3.3V or above. If BIAS is
connected to a supply other than VOUT, be sure to bypass
with a local ceramic capacitor. If the BIAS pin is below
3.0V, the internal LDO will consume current from VIN.
Applications with high input voltage and high switching
frequency where the internal LDO pulls current from VIN
will increase die temperature because of the higher power
dissipation across the LDO. Do not connect an external
load to the INTVCC pin.
Output Voltage Tracking and Soft-Start
The LT8613 allows the user to program its output voltage
ramp rate by means of the TR/SS pin. An internal 2.2μA
pulls up the TR/SS pin to INTVCC. Putting an external
VISP-VISN (mV)
0
0
200
400
600
800
1000
1200
10
20
30
40
8613 F04
50
VSYNC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com