Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 20 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology LT8613 Datasheet HTML 23Page - Linear Technology LT8613 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
20
8613f
Typical applicaTions
5V Step-Down with 5A Output Current Limit
3.3V Step-Down with 1A Input Current Limit and 7V VIN Undervoltage Lockout
3.3V Step-Down with 1A Input Current Limit
BST
VIN
EN/UV
ON OFF
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
GND
PGND
ISP
ISN
BIAS
PG
8613 TA02
FB
0.1µF
VOUT
5V
5A
1µF
100µF
10µF
VIN
5.8V TO 42V
1µF
10pF
3.3µH
0.010
1M
243k
52.3k
fSW = 800kHz
L: VISHAY IHLP2525EZ-01
BST
VIN
EN/UV
ON OFF
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
ISN
ISP
PGND GND
PG
BIAS
8613 TA03
FB
0.10µF
VOUT
3.3V
100µF
10µF
1µF
VIN
4.1V TO 42V
1µF
3.3µH
1M
0.050
412k
41.2k
fSW = 1MHz
4.7pF
L: VISHAY IHLP2525EZ-01
BST
VIN
EN/UV
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
ISN
ISP
PGND GND
PG
BIAS
8613 TA04
FB
0.1µF
VOUT
3.3V
100µF
10µF
604k
100k
1µF
VIN
4.1V TO 42V
1µF
3.3µH
1M
0.050
412k
60.4k
fSW = 700kHz
L: VISHAY IHLP2525EZ-01
4.7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com