Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology LT8613 Datasheet HTML 10Page - Linear Technology LT8613 Datasheet HTML 11Page - Linear Technology LT8613 Datasheet HTML 12Page - Linear Technology LT8613 Datasheet HTML 13Page - Linear Technology LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
11
8613f
operaTion
The LT8613 is a monolithic, constant frequency, current
mode step-down DC/DC converter. An oscillator, with
frequency set using a resistor on the RT pin, turns on
the internal top power switch at the beginning of each
clock cycle. Current in the inductor then increases until
the top switch current comparator trips and turns off the
top power switch. The peak inductor current at which the
top switch turns off is controlled by the voltage on the
internal VC node. The error amplifier servos the VC node
by comparing the voltage on the VFB pin with an internal
0.97Vreference.Whentheloadcurrentincreasesitcauses
areductioninthefeedbackvoltagerelativetothereference
leading the error amplifier to raise the VC voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on until the next clock cycle begins or
inductor current falls to zero. If overload conditions result
inmorethan10Aflowingthroughthebottomswitch(valley
current), the next clock cycle will be delayed until switch
current returns to a safe level.
The LT8613 includes a current control and monitoring
loop using the ISN, ISP, IMON and ICTRL pins. The ISP/
ISN pins monitor the voltage across an external sense
resistor such that the VISP-VISN does not exceed 50mV
by limiting the peak inductor current controlled by the VC
node.Thecurrentsenseamplifierinputs(ISP/ISN)arerail-
to-rail such that input, output, or other system currents
may be monitored and regulated. The IMON pin outputs
a ground-referenced voltage equal to 20 times the voltage
between the ISP-ISN pins for monitoring system currents.
The ICTRL pin can be used to override the internal 50mV
limit between the ISP, ISN pin to a lower set point for the
current control loop.
If the EN/UV pin is low, the LT8613 is shut down and
draws 1µA from the input. When the EN/UV pin is above
1V, the switching regulator will become active.
To optimize efficiency at light loads, the LT8613 operates
in Burst Mode operation in light load situations. Between
bursts, all circuitry associated with controlling the output
switch is shut down, reducing the input supply current to
1.7μA. In a typical application, 3μA will be consumed from
the input supply when regulating with no load. The SYNC
pin is tied low to use Burst Mode operation and can be
tied to a logic high to use pulse-skipping mode. If a clock
is applied to the SYNC pin the part will synchronize to an
external clock frequency and operate in pulse-skipping
mode. While in pulse-skipping mode the oscillator oper-
ates continuously and positive SW transitions are aligned
to the clock. During light loads, switch pulses are skipped
to regulate the output and the quiescent current will be
several hundred µA.
To improve efficiency across all loads, supply current to
internal circuitry can be sourced from the BIAS pin when
biasedat3.3Vorabove.Else,theinternalcircuitrywilldraw
current from VIN. The BIAS pin should be connected to
VOUTiftheLT8613outputisprogrammedat3.3Vorabove.
Comparators monitoring the FB pin voltage will pull the
PG pin low if the output voltage varies more than ±9%
(typical)fromthesetpoint,orifafaultconditionispresent.
The oscillator reduces the LT8613’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the inductor current when the
output voltage is lower than the programmed value which
occurs during start-up or overcurrent conditions. When
a clock is applied to the SYNC pin or the SYNC pin is
held DC high, the frequency foldback is disabled and the
switching frequency will slow down only during overcur-
rent conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com