Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 1 Page - Linear Technology

  LT8613 Datasheet HTML 1Page - Linear Technology LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
1
8613f
Typical applicaTion
FeaTures
DescripTion
42V, 6A Synchronous
Step-Down Regulator with
Current Sense and 3µA
Quiescent Current
The LT®8613 is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that consumes only 3µA of quiescent current. Top and
bottom power switches are included with all necessary
circuitry to minimize the need for external components.
The built-in current sense amplifier with monitor and
control pins allows accurate input or output current
regulation and limiting. Low ripple Burst Mode operation
enables high efficiency down to very low output currents
while keeping the output ripple below 10mVP-P. A SYNC
pin allows synchronization to an external clock. Internal
compensation with peak current mode topology allows
the use of small inductors and results in fast transient
response and good loop stability. The EN/UV pin has an
accurate 1V threshold and can be used to program VIN
undervoltage lockout or to shut down the LT8613 reduc-
ing the input supply current to 1µA. A capacitor on the
TR/SS pin programs the output voltage ramp rate during
start-up. The PG flag signals when VOUT is within ±9% of
theprogrammedoutputvoltageaswellasfaultconditions.
The LT8613 is available in a small 28-lead 3mm
× 6mm
QFN package with exposed pad for low thermal resistance.
5V Step-Down Converter with 6A Output Current Limit
Efficiency at 5VOUT
applicaTions
n
Rail-to-Rail Current Sense Amplifier with Monitor
n
Wide Input Voltage Range: 3.4V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation:
3μA IQ Regulating 12VIN to 3.3VOUT
Output Ripple < 10mVP-P
n
High Efficiency Synchronous Operation:
95% Efficiency at 3A, 5VOUT from 12VIN
94% Efficiency at 3A, 3.3VOUT from 12VIN
n
Fast Minimum Switch-On Time: 40ns
n
Low Dropout Under All Conditions: 250mV at 3A
n
Allows Use Of Small Inductors
n
Low EMI
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Current Mode Operation
n
Accurate 1V Enable Pin Threshold
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small Thermally Enhanced 3mm
× 6mm 28-Lead
QFN Package
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
n
CCCV Power Supplies
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
BST
VIN
EN/UV
ON OFF
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8613
GND
PGND
ISP
BIAS
ISN
PG
8613 TA01a
FB
0.1µF
VOUT
5V
6A
1µF
100µF
10µF
VIN
5.8V TO 42V
10µF
1µF
10pF
3.9µH
8m
1M
243k
60.4k
fSW = 700kHz
L: EPCOS B82559
LOAD CURRENT (A)
0
65
70
75
100
85
2
4
5
6
8613 TA01b
60
90
95
80
1
3
fSW = 700kHz
L = 3.9µH
VIN = 24V
VIN = 12V


Similar Part No. - LT8613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8613 LINER-LT8613 Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8613 AD-LT8613 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8613 AD-LT8613 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
logo
Linear Technology
LT8613 LINER-LT8613_15 Datasheet
364Kb / 24P
42V, 6A Synchronous Step-Down Regulator with Current Sense and 3A Quiescent Current
More results

Similar Description - LT8613

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8611EUDDPBF LINEAR_DIMENSIONS-LT8611EUDDPBF Datasheet
350Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5關A Quiescent Current
logo
Linear Technology
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8613 LINER-LT8613_15 Datasheet
364Kb / 24P
42V, 6A Synchronous Step-Down Regulator with Current Sense and 3A Quiescent Current
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8616 LINER-LT8616 Datasheet
272Kb / 6P
Dual 42V Synchronous Monolithic Step-Down Regulator with 6.5關A Quiescent Current
LT8608 LINER-LT8608 Datasheet
2Mb / 24P
42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com