Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 4 Page - Linear Technology

  LT8613 Datasheet HTML 1Page - Linear Technology LT8613 Datasheet HTML 2Page - Linear Technology LT8613 Datasheet HTML 3Page - Linear Technology LT8613 Datasheet HTML 4Page - Linear Technology LT8613 Datasheet HTML 5Page - Linear Technology LT8613 Datasheet HTML 6Page - Linear Technology LT8613 Datasheet HTML 7Page - Linear Technology LT8613 Datasheet HTML 8Page - Linear Technology LT8613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
4
8613f
Typical perForMance characTerisTics
Efficiency at 3.3VOUT
Efficiency vs Frequency
Reference Voltage
EN/UV Pin Thresholds
Load Regulation
Line Regulation
Efficiency at 5VOUT
Efficiency at 3.3VOUT
Efficiency at 5VOUT
FREQUENCY (kHz)
0
75
80
100
90
1000
1500
2000
2500
8613 G05
70
95
85
500
VOUT = 3.3V
VIN = 12V
L = 3.9µH
LOAD = 2A
TEMPERATURE (°C)
–55
0.955
0.958
0.964
0.967
0.970
0.985
0.976
5
65
95
125
8613 G06
0.961
0.979
0.982
0.973
–25
35
155
TEMPERATURE (°C)
–55
0.95
0.96
0.98
0.99
1.00
75
8613 G07
0.97
25
0
–25
100 125
50
150
1.01
1.02
EN/UV RISING
EN/UV FALLING
OUTPUT LOAD (A)
0
–0.4
–0.3
–0.1
–0.2
0
0.5
0.2
2
4
5
6
8613 G08
–0.5
0.3
0.4
0.1
1
3
LOAD CURRENT (A)
0
65
70
75
100
85
2
4
5
6
8613 G01
60
90
95
80
1
3
fSW = 700kHz
L = 3.9µH, EPCOS B82559
VIN = 24V
VIN = 12V
LOAD CURRENT (A)
0
65
70
75
100
85
2
4
5
6
8613 G02
60
90
95
80
1
3
fSW = 700kHz
L = 3.9µH, EPCOS B82559
VIN = 24V
VIN = 12V
LOAD CURRENT (A)
0.00001
50
60
100
0.001
0.1
1
10
8613 G03
40
80
90
70
0.0001
0.01
fSW = 700kHz
L = 3.9µH
VIN = 24V
VIN = 12V
LOAD CURRENT (A)
0.00001
50
60
100
0.001
0.1
1
10
8613 G04
40
80
90
70
0.0001
0.01
fSW = 700kHz
L = 3.9µH
VIN = 24V
VIN = 12V
INPUT VOLTAGE (V)
0
0.02
0.06
0.10
40
8613 G09
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
10
20
30
50
VOUT = 5V
LOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com