Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 18 Page - Linear Technology

Part # LT8613
Description  42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8613 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT8613 Datasheet HTML 14Page - Linear Technology LT8613 Datasheet HTML 15Page - Linear Technology LT8613 Datasheet HTML 16Page - Linear Technology LT8613 Datasheet HTML 17Page - Linear Technology LT8613 Datasheet HTML 18Page - Linear Technology LT8613 Datasheet HTML 19Page - Linear Technology LT8613 Datasheet HTML 20Page - Linear Technology LT8613 Datasheet HTML 21Page - Linear Technology LT8613 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
For more information www.linear.com/LT8613
LT8613
18
8613f
applicaTions inForMaTion
Figure 5. Reverse VIN Protection
The LT8613 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
instead will pulse skip to maintain regulation. The LT8613
may be synchronized over a 200kHz to 2.2MHz range. The
RT resistor should be chosen to set the LT8613 switching
frequency equal to or below the lowest synchronization
input. For example, if the synchronization signal will be
500kHz and higher, the RT should be selected for 500kHz.
The slope compensation is set by the RT value, while the
minimum slope compensation required to avoid subhar-
monic oscillations is established by the inductor size,
input voltage, and output voltage. Since the synchroniza-
tion frequency will not change the slopes of the inductor
current waveform, if the inductor is large enough to avoid
subharmonic oscillations at the frequency set by RT, then
the slope compensation will be sufficient for all synchro-
nization frequencies.
For some applications it is desirable for the LT8613 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned to
theclock.Secondisthatfullswitchingfrequencyisreached
at lower output load than in Burst Mode operation. These
twodifferencescomeattheexpenseofincreasedquiescent
current. To enable pulse-skipping mode, the SYNC pin is
tied high either to a logic output or to the INTVCC pin.
The LT8613 does not operate in forced continuous mode
regardless of SYNC signal. Never leave the SYNC pin
floating.
Shorted and Reversed Input Protection
The LT8613 will tolerate a shorted output. Several features
are used for protection during output short-circuit and
brownout conditions. The first is the switching frequency
will be folded back while the output is lower than the set
point to maintain inductor current control. Second, the
bottom switch current is monitored such that if inductor
current is beyond safe levels switching of the top switch
will be delayed until such time as the inductor current
falls to safe levels.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
sourceortiedhigh,theLT8613willstayattheprogrammed
frequency without foldback and only slow switching if the
inductor current exceeds safe levels.
There is another situation to consider in systems where
the output will be held high when the input to the LT8613
is absent. This may occur in battery charging applications
or in battery-backup systems where a battery or some
other supply is diode ORed with the LT8613’s output. If
the VIN pin is allowed to float and the EN pin is held high
(either by a logic signal or because it is tied to VIN), then
theLT8613’sinternalcircuitrywillpullitsquiescentcurrent
through its SW pin. This is acceptable if the system can
tolerate several μA in this state. If the EN pin is grounded
the SW pin current will drop to near 1µA. However, if the
VIN pin is grounded while the output is held high, regard-
less of EN, parasitic body diodes inside the LT8613 can
pull current from the output through the SW pin and
the VIN pin. Figure 5 shows a connection of the VIN and
EN/UV pins that will allow the LT8613 to run only when
the input voltage is present and that protects against a
shorted or reversed input.
VIN
VIN
D1
LT8613
EN/UV
8613 F05
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com