Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
6
38921fc
For more information www.linear.com/LTC3892
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN1,2,3 = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG1 = FLOAT unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator and Phase-Locked Loop
f25kΩ
Programmable Frequency
RFREQ =25kΩ, PLLIN/MODE = DC Voltage
105
kHz
f65kΩ
Programmable Frequency
RFREQ = 65kΩ, PLLIN/MODE = DC Voltage
375
440
505
kHz
f105kΩ
Programmable Frequency
RFREQ = 105kΩ, PLLIN/MODE = DC Voltage
835
kHz
fLOW
Low Fixed Frequency
VFREQ = 0V, PLLIN/MODE = DC Voltage
320
350
380
kHz
fHIGH
High Fixed Frequency
VFREQ = INTVCC, PLLIN/MODE = DC Voltage
485
535
585
kHz
fSYNC
Synchronizable Frequency
PLLIN/MODE = External Clock
l
75
850
kHz
PLLIN VIH
PLLIN VIL
PLLIN/MODE Input High Level
PLLIN/MODE Input Low Level
PLLIN/MODE = External Clock
PLLIN/MODE = External Clock
l
l
2.5
0.5
V
V
PGOOD1 and PGOOD2 Outputs (LTC3892/LTC3892-2)
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.2
0.4
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
Hysteresis
–13
–10
2.5
–7
%
%
VFB with Respect to Set Regulated Voltage
VFB Ramping Positive
Hysteresis
7
10
2.5
13
%
%
tPG
Delay for Reporting a Fault
35
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Ratings for extended periods may affect device reliability and lifetime.
Note 2: The LTC3892/LTC3892-1/LTC3892-2 is tested under pulsed load
conditions such that TJ ≈ TA. The LTC3892E/LTC3892E-1/LTC3892E-2
is guaranteed to meet performance specifications from 0°C to 85°C.
Specifications over the –40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LTC3892I/LTC3892I-1/LTC3892I-2 is
guaranteed over the –40°C to 125°C operating junction temperature
range, the LTC3892H/LTC3892H-1/LTC3892H-2 is guaranteed over
the –40°C to 150°C operating junction temperature range, and the
LTC3892MP/LTC3892MP-1/LTC3892MP-2 is tested and guaranteed over
the –55°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes; operating lifetime is derated
for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors. The junction
temperature (TJ, in °C) is calculated from the ambient temperature
(TA, in °C) and power dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA = 44°C/W for the QFN package and where θJA = 30°C/W for the
TSSOP package.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: The LTC3892/LTC3892-1/LTC3892-2 is tested in a feedback loop
that servos VITH1,2 to a specified voltage and measures the resultant
VFB1,2. The specification at 85°C is not tested in production and is assured
by design, characterization and correlation to production testing at other
temperatures (125°C for the LTC3892E/LTC3892E-1/LTC3892E-2 and
LTC3892I/LTC3892I-1/LTC3892I-2, 150°C for the LTC3892H/LTC3892H-1/
LTC3892H-2 and LTC3892MP/LTC3892MP-1/LTC3892MP-2). For
the LTC3892I/LTC3892I-1/LTC3892I-2 and LTC3892H/LTC3892H-1/
LTC3892H-2, the specification at 0°C is not tested in production and
is assured by design, characterization and correlation to production
testing at –40°C. For the LTC3892MP/LTC3892MP-1/LTC3892MP-2, the
specification at 0°C is not tested in production and is assured by design,
characterization and correlation to production testing at –55°C.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current >40% of IMAX (See Minimum On-Time
Considerations in the Applications Information section)
Note 8: Do not apply a voltage or current source to these pins. They must be
connected to capacitive loads only, otherwise permanent damage may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com