Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 1 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
1
38921fc
For more information www.linear.com/LTC3892
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V Low IQ, Dual, 2-Phase
Synchronous Step-Down
DC/DC Controller
The LTC®3892/LTC3892-1/LTC3892-2 is a high perfor-
mancedualstep-downDC/DCswitchingregulatorcontrol-
ler that drives all N-channel synchronous power MOSFET
stages. Power loss and noise are minimized by operating
the two controller output stages out-of-phase.
The gate drive voltage can be programmed from 5V to
10V to allow the use of logic or standard-level FETs and
to maximize efficiency. Internal switches in the top gate
drivers eliminate the need for external bootstrap diodes.
Awide4.5Vto60Vinputsupplyrangeencompassesawide
rangeofintermediatebusvoltagesandbatterychemistries.
Output voltages up to 99% of VIN can be regulated. OPTI-
LOOP® compensation allows the transient response and
loop stability to be optimized over a wide range of output
capacitance and ESR values.
The29μAno-loadquiescentcurrentextendsoperatingrun
time in battery powered systems. For a comparison of the
LTC3892 to the LTC3892-1 and LTC3892-2, see Table 1
in the Pin Functions section of this data sheet.
High Efficiency Dual 5V/12V Output Step-Down Converter
n
Wide VIN Range: 4.5V to 60V (65V Abs Max)
n
Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 99% • VIN
n
Adjustable Gate Drive Level 5V to 10V (OPTI-DRIVE)
n
No External Bootstrap Diodes Required
n
Low Operating IQ: 29μA (One Channel On)
n
Selectable Gate Drive UVLO Thresholds
n
Out-of-Phase Operation Reduces Required Input
Capacitance and Power Supply Induced Noise
n
Phase-Lockable Frequency: 75kHz to 850kHz
n
Selectable Continuous, Pulse Skipping or Low Ripple
Burst Mode® Operation at Light Loads
n
Selectable Current Limit (LTC3892/LTC3892-2)
n
Very Low Dropout Operation: 99% Duty Cycle
n
Power Good Output Voltage Monitors (LTC3892/LTC3892-2)
n
Low Shutdown IQ: 3.6μA
n
Small 32-Lead 5mm × 5mm QFN Package (LTC3892/
LTC3892-2) or TSSOP Package (LTC3892-1)
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP, Linear Technology and the Linear logo are
registered trademarks of Analog Devices, Inc. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5481178, 5705919, 5929620, 6144194,
6177787, 6580258.
4.7µF
0.1µF
15µH
8m
100pF
100k
7.15k
34.8k
1nF
150µF
1nF
0.1µF
0.1µF
5.6µH
5m
7.5k
47µF
100pF
0.1µF
2.2nF
0.1µF
220µF
1nF
LTC3892
VIN
RUN2
INTVCC
GND
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
ITH2
TRACK/SS2
12V
SENSE2–
DRVUV
DRVCC
RUN1
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
ITH1
TRACK/SS1
SENSE1–
DRVSET
VPRG1
VOUT2
5A
VIN
12.5V TO 60V
5V
VOUT1
8A
3892 TA01
APPLICATIONS
n
Automotive and Industrial Power Systems
n
Distributed DC Power Systems
n
High Voltage Battery Operated Systems
VIN = 12V
VOUT = 5V
Burst Mode OPERATION
GATE DRIVE
DRVCC=5V
DRVCC=6V
DRVCC=8V
DRVCC=10V
LOAD CURRENT (A)
0.01
0.1
1
10
88
89
90
91
92
93
94
95
96
Efficiency vs Output Current
3892 F01b
Efficiency vs Output Current


Similar Part No. - LTC3891

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3891 LINER-LTC3891 Datasheet
315Kb / 26P
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3891 LINER-LTC3891 Datasheet
269Kb / 26P
High Efficiency, 65V 500mA Synchronous
LTC3891 LINER-LTC3891 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3891 LINER-LTC3891 Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3891 LINER-LTC3891 Datasheet
541Kb / 36P
60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results

Similar Description - LTC3891

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com