Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
38
38921fc
For more information www.linear.com/LTC3892
LINEAR TECHNOLOGY CORPORATION 2015
LT 0717 REV C • PRINTED IN USA
www.linear.com/LTC3892
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3890/LTC3890-1
LTC3890-2/LTC3890-3
60V, Low IQ, Dual 2-Phase Synchronous Step-Down
DC/DC Controller with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 24V, IQ = 50μA
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC Controller
with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 24V, IQ = 50μA
LTC3864
60V, Low IQ, High Voltage DC/DC Controller
with 100% Duty Cycle
Fixed Frequency 50kHz to 850kHz, 3.5V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ VIN, IQ = 40μA, MSOP-12E, 3mm × 4mm DFN-12
LTC3899
60V, Triple Output, Buck/Buck/Boost Synchronous
Controller with 29µA Burst Mode IQ
4.5V (Down to 2.2V after Start-Up) ≤ VIN ≤ 60V, VOUT Up to 60V,
Buck VOUT Range: 0.8V to 60V, Boost VOUT Up to 60V
LTC3859AL
38V, Low IQ, Triple Output, Buck/Buck/Boost Synchronous
Controller with 28µA Burst Mode IQ
4.5V (Down to 2.5V after Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V,
Buck VOUT Range: 0.8V to 24V, Boost VOUT Up to 60V,
LTC3857/LTC3857-1
LTC3858/LTC3858-1
38V, Low IQ, Dual Output 2-Phase Synchronous
Step-Down DC/DC Controller with 99% Duty Cycle
PLL Fixed Operating Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 24V, IQ = 50μA/170μA
LTC3807
38V, Low IQ, Synchronous Step-Down Controller with
24V Output Voltage Capability
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 24V, IQ = 50μA
CDRVCC
4.7µF
MBOT2
MTOP2
CB2
0.1µF
L2
10µH
3m
RSNS2
COUT2B
10µF
COUT2A
150µF
CSNS2
1nF
CINTVCC
0.1µF
MBOT1
MTOP1
CB1
0.1µF
L1
10µH
3m
RSNS1
CITH1B
47pF
COUT1B
10µF
RITH1
9.78k
CITH1A
4.7nF
COUT1A
150µF
CSNS1
1nF
CSS1
0.1µF
CINB
2.2µF
CINA
100µF
RFREQ
29.4k
RA1
100k
RB1
7.15k
CITH2A
47pF
LTC3892-1
VIN
RUN2
INTVCC
PLLIN/MODE
GND
FREQ
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
ITH2
TRACK/SS2
12V
SENSE2–
DRVUV
EXTVCC
DRVCC
RUN1
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
ITH1
TRACK/SS1
SENSE1–
DRVSET
VOUT
VOUT
30A
VIN
TOP1, TOP2: BSC123N08NS3G
16V TO 60V
BOT1, BOT2: BSC047N08NS3G
L1, L2: COILCRAFT SER2918H-103KL
x5
x2
x2
x2
x2
3892 TA04
Figure 14. High Current Dual-Phase Single Output Step-Down 12V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com