Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 28Page - Linear Technology LTC3891 Datasheet HTML 29Page - Linear Technology LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
32
38921fc
For more information www.linear.com/LTC3892
TYPICAL APPLICATIONS
CDRVCC
4.7µF
MBOT2
MTOP2
CB2
0.1µF
L2
15µH
8m
RSNS2
CITH2B
100pF
RA2
100k
RB2
7.15k
COUT2B
10µF
RITH2
34.8k
CITH2A
1nF
COUT2A
150µF
CSNS2
1nF
CSS2
0.1µF
CINTVCC
0.1µF
MBOT1
MTOP1
CB1
0.1µF
L1
5.6µH
5m
RSNS1
CITH1B
100pF
COUT1B
10µF
RITH1
7.5k
CITH1A
2.2nF
COUT1A
220µF
CSNS1
1nF
CSS1
0.1µF
RPG1
1000k
RPG2
1000k
CINB
2.2µF
x5
CINA
47µF
RFREQ
35.7k
LTC3892
VIN
RUN2
INTVCC
PLLIN/MODE
GND
FREQ
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
ITH2
TRACK/SS2
12V*
SENSE2–
DRVUV
EXTVCC
PGOOD2
DRVCC
RUN1
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
ITH1
TRACK/SS1
SENSE1–
DRVSET
VPRG1
PGOOD1
VOUT2
VOUT2
5A
5V
VOUT1
8A
VIN
TOP1, TOP2: BSC057N08NS3
8V TO 60V
BOT1, BOT2: BSC036NE7NS3
L1: COILCRAFT XAL1010-562ME
L2: COILCRAFT XAL1010-153ME
ILIM
3892 TA02
*VOUT2 FOLLOWS VIN WHEN VIN ≤ 12V
Figure 11. High Efficiency Dual 5V/12V Step-Down Converter with 10V Gate Drive
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1k
10k
vs Load Current
Efficiency and Power Loss
3892 TA02b
EFFICIENCY
VIN = 12V
VOUT = 5V
POWER LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com