Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
34
38921fc
For more information www.linear.com/LTC3892
TYPICAL APPLICATIONS
Figure 13. High Efficiency Dual-Phase Step-Down 5V/8.5V Converter with 8V Gate Drive
CDRVCC
4.7µF
MBOT2
MTOP2
CB2
0.1µF
L2
6.5µH
15m
RSNS2
CITH2B
68pF
RA2
649k
RB2
68.1k
C
4.7µF
OUT2B
RITH2
15kk
CITH2A
2.2nF
COUT2A
68µF
CSNS2
1nF
CSS2
0.1µF
CINTVCC
0.1µF
MBOT1
MTOP1
CB1
0.1µF
L1
4.9µH
9m
RSNS1
CITH1B
100pF
COUT1B
22µF
RITH1
15k
CITH1A
1.5nF
COUT1A
220µF
CSNS1
1nF
CSS1
0.1µF
CINB
2.2µF
x3
CINA
33µF
R
80.6k
DRVCC
RA1
357k
RB1
68.1k
LTC3892-1
VIN
RUN2
INTVCC
PLLIN/MODE
GND
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
ITH2
TRACK/SS2
SENSE2–
DRVUV
EXTVCC
DRVCC
RUN1
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
ITH1
TRACK/SS1
SENSE1–
DRVSET
VOUT2
VOUT2
8.5V*
3A
VOUT1
5V
5A
VIN
4.5V TO 60V
TOP1, TOP2, BOT1, BOT2: BSZ123N08NS3
L1: WURTH 744314490
L2: WURTH 744314490
COUT2A: SANYO 10TPC68M
COUT1A: SANYO 6TPB220ML
FREQ
3892 TA05
*VOUT2 FOLLOWS VIN WHEN VIN ≤ 8.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com