Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
16
38921fc
For more information www.linear.com/LTC3892
OPERATION (Refer to the Functional Diagrams)
Frequency Selection and Phase-Locked Loop
(FREQ and PLLIN/MODE Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The switching frequency of the LTC3892/LTC3892-1/
LTC3892-2’s controllers can be selected using the FREQ
pin.
If the PLLIN/MODE pin is not being driven by an external
clock source, the FREQ pin can be tied to GND, tied to
INTVCCorprogrammedthroughanexternalresistor.Tying
FREQ to GND selects 350kHz while tying FREQ to INTVCC
selects 535kHz. Placing a resistor between FREQ and GND
allows the frequency to be programmed between 50kHz
and 900kHz, as shown in Figure 9.
A phase-locked loop (PLL) is available on the LTC3892/
LTC3892-1/LTC3892-2 to synchronize the internal oscil-
lator to an external clock source that is connected to the
PLLIN/MODE pin. The LTC3892/LTC3892-1/LTC3892-2’s
phase detector adjusts the voltage (through an internal
lowpass filter) of the VCO input to align the turn-on of
controller 1’s external top MOSFET to the rising edge of
the synchronizing signal. Thus, the turn-on of controller
2’s external top MOSFET is 180° out of phase to the rising
edge of the external clock source.
The VCO input voltage is prebiased to the operating fre-
quency set by the FREQ pin before the external clock is
applied. If prebiased near the external clock frequency,
the PLL loop only needs to make slight changes to the
VCO input in order to synchronize the rising edge of the
external clock’s to the rising edge of TG1. The ability to
prebias the loop filter allows the PLL to lock-in rapidly
without deviating far from the desired frequency.
The typical capture range of the LTC3892/LTC3892-1/
LTC3892-2’s phase-locked loop is from approximately
55kHz to 1MHz, with a guarantee to be between 75kHz
and 850kHz. In other words, the LTC3892/LTC3892-1/
LTC3892-2’sPLLisguaranteedtolocktoanexternalclock
source whose frequency is between 75kHz and 850kHz.
The typical input clock thresholds on the PLLIN/MODE
pin are 1.6V (rising) and 1.1V (falling). It is recommended
that the external clock source swing from ground (0V) to
at least 2.5V.
When an external clock is connected to the PLLIN/MODE
pin to synchronize the internal oscillator, the LTC3892/
LTC3892-1 operate in forced continuous mode while the
LTC3892-2operatesindiscontinuouspulseskippingmode.
Output Overvoltage Protection (LTC3892/LTC3892-1,
Not On LTC3892-2)
Each channel has an overvoltage comparator that guards
against transient overshoots as well as other more seri-
ous conditions that may overvoltage the output. When
the VFB1,2 pin rises by more than 10% above its regula-
tion point of 0.800V, the top MOSFET is turned off and
the bottom MOSFET is turned on until the overvoltage
condition is cleared.
Foldback Current (LTC3892/LTC3892-1, Not On
LTC3892-2)
When the output voltage falls to less than 70% of its
nominal level, foldback current limiting is activated, pro-
gressively lowering the peak current limit in proportion to
the severity of the overcurrent or short-circuit condition.
Foldback current limiting is disabled during the soft-start
interval (as long as the VFB1,2 voltage is keeping up with
the TRACK/SS1,2 voltage).
Current foldback limiting is intended to limit power
dissipation during overcurrent and short-circuit fault
conditions. Note that while the current foldback func-
tion does not exist on the LTC3892-2 version, it is still
inherently protected during these fault conditions. The
LTC3892/LTC3892-1/LTC3892-2’s peak current mode
control architecture constantly monitors the inductor
currentandpreventscurrentrunawayunderallconditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com