Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 5 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
5
38921fc
For more information www.linear.com/LTC3892
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN1,2 = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG1 = FLOAT unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN1,2 ON
RUN Pin On Threshold
VRUN1, VRUN2 Rising
l
1.22
1.275
1.33
V
VRUN1,2 Hyst RUN Pin Hysteresis
75
mV
VSENSE(MAX) Maximum Current Sense Threshold
VFB1,2 = 0.7V, VSENSE1,2– = 3.3V
ILIM = FLOAT (LTC3892/LTC3892-2) or LTC3892-1
ILIM = 0V (LTC3892/LTC3892-2)
ILIM = INTVCC (LTC3892/LTC3892-2)
l
l
l
66
43
90
75
50
100
84
58
109
mV
mV
mV
VSENSE(MATCH) Matching Between VSENSE1(MAX) and
VSENSE2(MAX)
VFB1,2 = 0.7V, VSENSE1,2– = 3.3V
ILIM = FLOAT (LTC3892/LTC3892-2) or LTC3892-1
ILIM = 0V (LTC3892/LTC3892-2)
ILIM = INTVCC (LTC3892/LTC3892-2)
l
l
l
–8
–8
–8
0
0
0
8
8
8
mV
mV
mV
Gate Driver
TG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω
BG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω
BDSW1,2
BOOST to DRVCC Switch On-
Resistance
VSW = 0V, VDRVSET = INTVCC
3.7
Ω
TG1,2 tr
TG1,2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6) VDRVSET = INTVCC
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
BG1,2 tr
BG1,2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6) VDRVSET = INTVCC
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On
Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver, VDRVSET = INTVCC
55
ns
BG/TG t1D
Bottom Gate Off to Top Gate On
Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver, VDRVSET = INTVCC
50
ns
tON(MIN)1,2
TG Minimum On-Time
(Note 7) VDRVSET = INTVCC
80
ns
DRVCC Linear Regulator
VDRVCC(INT)
DRVCC Voltage from Internal VIN LDO VEXTVCC = 0V
7V < VIN < 60V, DRVSET = 0V
11V < VIN < 60V, DRVSET = INTVCC
5.8
9.6
6.0
10.0
6.2
10.4
V
V
VLDOREG(INT) DRVCC Load Regulation from VIN
LDO
ICC = 0mA to 50mA, VEXTVCC = 0V
0.9
2.0
%
VDRVCC(EXT)
DRVCC Voltage from Internal EXTVCC
LDO
7V < VEXTVCC < 13V, DRVSET = 0V
11V < VEXTVCC < 13V, DRVSET = INTVCC
5.8
9.6
6.0
10.0
6.2
10.4
V
V
VLDOREG(EXT) DRVCC Load Regulation from Internal
EXTVCC LDO
ICC = 0mA to 50mA, VEXTVCC = 8.5V,
VDRVSET = 0V
0.7
2.0
%
VEXTVCC
EXTVCC LDO Switchover Voltage
EXTVCC Ramping Positive
DRVUV = 0V
DRVUV = INTVCC
4.5
7.4
4.7
7.7
4.9
8.0
V
V
VLDOHYS
EXTVCC Hysteresis
250
mV
VDRVCC(50kΩ) Programmable DRVCC
RDRVSET = 50kΩ, VEXTVCC = 0V
5.0
V
VDRVCC(70kΩ) Programmable DRVCC
RDRVSET = 70kΩ, VEXTVCC = 0V
6.4
7.0
7.6
V
VDRVCC(90kΩ) Programmable DRVCC
RDRVSET = 90kΩ, VEXTVCC = 0V
9.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com