Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
22
38921fc
For more information www.linear.com/LTC3892
APPLICATIONS INFORMATION
RUN Pins
The LTC3892/LTC3892-1/LTC3892-2 is enabled using
the RUN1 and RUN2 pins. The RUN pins have a rising
thresholdof1.275Vwith75mVofhysteresis.PullingaRUN
pin below 1.2V shuts down the main control loop for that
channel. Pulling both RUN pins below 0.7V disables the
controllers and most internal circuits, including the DRVCC
and INTVCC LDOs. In this state, the LTC3892/LTC3892-1/
LTC3892-2 draws only 3.6µA of quiescent current.
Releasing a RUN pin allows a small 150nA internal current
to pull up the pin to enable that controller. Because of
condensation or other small board leakage pulling the pin
down,itisrecommendedtheRUNpinsbeexternallypulled
up or driven directly by logic. Each RUN pin can tolerate
up to 65V (absolute maximum), so it can be conveniently
tied to VIN in always-on applications where one or more
controllersareenabledcontinuouslyandnevershutdown.
The RUN pins can be implemented as a UVLO by con-
necting them to the output of an external resistor divider
network off VIN, as shown in Figure 4.
3892 F04
1/2 LTC3892/
LTC3892-1/
LTC3892-2
RUN
RB
RA
VIN
Figure 4. Using the RUN Pins as a UVLO
TherisingandfallingUVLOthresholdsarecalculatedusing
the RUN pin thresholds and pull-up current:
VUVLO(RISING) = 1.275V 1+
RB
RA

 – 150nA •RB
VUVLO(FALLING) = 1.20V 1+
RB
RA

 – 150nA •RB
Tracking and Soft-Start (TRACK/SS1, TRACK/SS2 Pins)
The start-up of each VOUT is controlled by the voltage on
theTRACK/SSpin(TRACK/SS1forchannel1,TRACK/SS2
for channel 2). When the voltage on the TRACK/SS pin
is less than the internal 0.8V reference, the LTC3892/
LTC3892-1/LTC3892-2 regulates the VFB pin voltage to
the voltage on the TRACK/SS pin instead of the internal
reference. The TRACK/SS pin can be used to program
an external soft-start function or to allow VOUT to track
another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground, as shown in Figure 5.
An internal 10μA current source charges the capacitor,
providingalinearrampingvoltageattheTRACK/SSpin.The
LTC3892/LTC3892-1/LTC3892-2willregulateitsfeedback
voltage (and hence VOUT) according to the voltage on the
TRACK/SS pin, allowing VOUT to rise smoothly from 0V
to its final regulated value. The total soft-start time will be
approximately:
tSS =CSS •
0.8V
10µA
38921 F06
1/2 LTC3892/
LTC3892/
LTC3892-2
TRACK/SS
GND
CSS
Figure 5. Using the TRACK/SS Pin to Program Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com