Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology LTC3891 Datasheet HTML 27Page - Linear Technology LTC3891 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
24
38921fc
For more information www.linear.com/LTC3892
APPLICATIONS INFORMATION
DRVSET pin to INTVCC programs DRVCC to 10V. Tying the
DRVSET pin to GND programs DRVCC to 6V. By placing
a 50k to 100k resistor between DRVSET and GND the
DRVCC voltage can be programmed between 5V to 10V,
as shown in Figure 8.
Table 2a
DRVSET PIN
DRVCC VOLTAGE
GND
6V
INTVCC
10V
Resistor to GND 50k to 100k
5V to 10V
Table 2b
DRVUV PIN
DRVCC UVLO
RISING / FALLING
THRESHOLDS
EXTVCC SWITCHOVER
RISING / FALLING
THRESHOLD
GND
4.0V / 3.8V
4.7V / 4.45V
INTVCC
7.5V / 6.7V
7.7V / 7.45V
IC in this case is highest and is equal to VIN • IDRVCC. The
gate charge current is dependent on operating frequency
as discussed in the Efficiency Considerations section.
The junction temperature can be estimated by using the
equations given in Note 2 of the Electrical Characteristics.
For example, using the LTC3892 in the QFN package, the
DRVCC current is limited to less than 31mA from a 40V
supply when not using the EXTVCC supply at a 70°C ambi-
ent temperature:
TJ = 70°C + (31mA)(40V)(44°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the VIN supply current must be checked while
operating in forced continuous mode (PLLIN/MODE =
INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above its
switchover threshold, the VIN LDO is turned off and the
EXTVCC LDO is enabled. The EXTVCC LDO remains on as
long as the voltage applied to EXTVCC remains above the
switchover threshold minus the comparator hysteresis.
The EXTVCC LDO attempts to regulate the DRVCC voltage
to the voltage as programmed by the DRVSET pin, so while
EXTVCC is less than this voltage, the LDO is in dropout
and the DRVCC voltage is approximately equal to EXTVCC.
When EXTVCC is greater than the programmed voltage,
up to an absolute maximum of 14V, DRVCC is regulated
to the programmed voltage.
Using the EXTVCC LDO allows the MOSFET driver and
control power to be derived from one of the LTC3892/
LTC3892-1/LTC3892-2’s switching regulator outputs
(4.7V/7.7V ≤ VOUT ≤ 14V) during normal operation and
fromtheVINLDOwhentheoutputisoutofregulation(e.g.,
start-up, short circuit). If more current is required through
the EXTVCC LDO than is specified, an external Schottky
diode can be added between the EXTVCC and DRVCC pins.
In this case, do not apply more than 10V to the EXTVCC
pin and make sure that EXTVCC ≤ VIN.
Significant efficiency and thermal gains can be realized
by powering DRVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency).
Figure 8. Relationship Between DRVCC Voltage
and Resistor Value at DRVSET Pin
DRVSET PIN RESISTOR (k)
50
4
5
7
8
9
11
55
75
85
38921 F09
6
10
70
95 100
60 65
80
90
HighinputvoltageapplicationsinwhichlargeMOSFETsare
being driven at high frequencies may cause the maximum
junction temperature rating for the LTC3892/LTC3892-1/
LTC3892-2 to be exceeded. The DRVCC current, which is
dominated by the gate charge current, may be supplied by
either the VIN LDO or the EXTVCC LDO. When the voltage
on the EXTVCC pin is less than its switchover threshold
(4.7V or 7.7V as determined by the DRVUV pin described
above), the VIN LDO is enabled. Power dissipation for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com