Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
9
38921fc
For more information www.linear.com/LTC3892
TYPICAL PERFORMANCE CHARACTERISTICS
SENSE Pins Total Input Current
vs VSENSE Voltage
SENSE– Pin Input Bias Current vs
Temperature
Foldback Current Limit
Maximum Current Sense
Threshold vs Duty Cycle
Maximum Current Sense
Threshold vs ITH Voltage
Shutdown (RUN) Threshold
vs Temperature
VSENSE COMMON MODE VOLTAGE (V)
0
800
700
300
100
500
0
600
200
400
3892 G13
65
60
25
15
5
45
55
10
35
20
40
50
30
TEMPERATURE (°C)
–75
900
500
300
700
100
0
800
400
600
200
3892 G14
150
125
25
0
–50
75 100
–25
50
VOUT > INTVCC + 0.5V
VOUT < INTVCC – 0.5V
FEEDBACK VOLTAGE (mV)
0
120
100
110
90
50
30
70
10
0
80
40
60
20
3892 G15
800
400
300
100
600 700
200
500
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
LTC3892-2
LTC3892/LTC3892-1
DUTY CYCLE (%)
0
100
90
50
30
70
10
0
80
40
60
20
3892 G16
100
40
30
10
60
90
80
70
20
50
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
VITH (V)
0
100
0
–20
–40
80
40
60
20
3892 G17
1.4
0.2
0.6
1.2
1
0.8
0.4
ILIM = GND
ILIM = FLOAT
ILIM = INTVCC
Burst Mode
OPERATION
5% DUTY CYCLE
PULSE-SKIPPING
FORCED CONTINUOUS MODE
TEMPERATURE (°C)
–75
1.4
1.25
1.15
1.35
1.05
1
1.2
1.3
1.1
3892 G18
150
125
25
0
–50
75 100
–25
50
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com