Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
8
38921fc
For more information www.linear.com/LTC3892
DRVCC and EXTVCC
vs Load Current
EXTVCC Switchover and DRVCC
Voltages vs Temperature
Undervoltage Lockout
Threshold vs Temperature
LOAD CURRENT (mA)
0
6.4
5.6
4.8
6
5.2
4.4
6.2
5.4
4.6
5.8
5
4.2
4
150
75
25
125
50
100
3892 G10
EXTVCC = 0V
EXTVCC = 8.5V
VIN = 12V
DRVSET = GND
EXTVCC = 5V
TEMPERATURE (°C)
–75
11
10
8
7
5
9
6
4
3892 G11
150
125
25
0
–50
75 100
–25
50
DRVCC (DRVSET = INTVCC)
EXTVCC RISING
EXTVCC FALLING
EXTVCC RISING
EXTVCC FALLING
DRVCC (DRVSET = 0V)
DRVUV = INTVCC
DRVUV = GND
TEMPERATURE (°C)
–75
8
7.5
5.5
4.5
6.5
3.5
3
7
5
6
4
3892 G12
150
125
25
0
–50
75 100
–25
50
RISING
FALLING
RISING
FALLING
DRVUV = INTVCC
DRVUV = GND
TYPICAL PERFORMANCE CHARACTERISTICS
Inductor Current at Light Load
Soft Start-Up
Regulated Feedback Voltage vs
Temperature
2µs/DIV
FORCED
CONTINUOUS
MODE
Burst Mode
OPERATION
1A/DIV
PULSE
SKIPPING
MODE
3892 G07
VIN = 12V
VOUT = 5V
ILOAD = 1mA
FIGURE 13 CIRCUIT
2ms/DIV
RUN1, 2
5V/DIV
VOUT2
2V/DIV
VOUT1
2V/DIV
3892 G08
FIGURE 13 CIRCUIT
TEMPERATURE (°C)
-75
808
806
802
800
796
804
798
794
792
3892 G09
150
50
0
-50
100 125
25
-25
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com