Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 2Page - Linear Technology LTC7813 Datasheet HTML 3Page - Linear Technology LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC3895
6
3895fa
For more information www.linear.com/LTC3895
Typical perForMance characTerisTics
Load Step Burst Mode
Operation
Load Step
Pulse-Skipping Mode
Load Step Forced
Continuous Mode
Inductor Current at Light Load
Soft Start-Up
Regulated Feedback Voltage
vs Temperature
Efficiency and Power Loss
vs Load Current
Efficiency vs Load Current
Efficiency vs Input Voltage
BURST EFFICIENCY
VIN = 24V
VOUT = 12V
PULSE–SKIPPING
LOSS
PULSE–SKIPPING
EFFICIENCY
FCM LOSS
FCM EFFICIENCY
FIGURE 13 CIRCUIT
BURST LOSS
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1k
10k
3895 G01
VOUT = 12V
VIN = 24V
VIN = 48V
VIN = 100V
VIN = 140V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
3895 G02
FIGURE 13 CIRCUIT
VOUT = 12V
ILOAD = 4A
INPUT VOLTAGE (V)
20
40
60
80
100
120
140
80
82
84
86
88
90
92
94
96
98
100
3895 G03
FIGURE 13 CIRCUIT
200µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
3895 G04
VIN = 24V
FIGURE 13 CIRCUIT
200µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
3895 G04
VIN = 24V
FIGURE 13 CIRCUIT
200µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
3895 G06
VIN = 24V
FIGURE 13 CIRCUIT
200µs/DIV
FORCED
CONTINUOUS
MODE
BURST MODE
OPERATION
2A/DIV
PULSE
SKIPPING
MODE
3895 G07
VIN = 24V
FIGURE 13 CIRCUIT
2ms/DIV
VOUT
2V/DIV
RUN
2V/DIV
3895 G08
VIN = 24V
FIGURE 13 CIRCUIT
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
792
794
796
798
800
802
804
806
808
3895 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com