Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology LTC7813 Datasheet HTML 28Page - Linear Technology LTC7813 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LTC3895
25
3895fa
For more information www.linear.com/LTC3895
5. EXTVCCconnectedtoanoutput-derivedboostnetwork
off the regulator output. For 3.3V and other low volt-
age regulators, efficiency gains can still be realized by
connecting EXTVCC to an output-derived voltage that
has been boosted to greater than 4.7V/7.7V. Ensure
that EXTVCC ≤ VIN.
INTVCC Regulator
An additional P-channel LDO supplies power at the INTVCC
pin from the DRVCC pin. Whereas DRVCC powers the gate
drivers, INTVCC powers much of the LTC3895’s internal
circuitry. The INTVCC supply must be bypassed with a
0.1μF ceramic capacitor. INTVCC is also used as a pull-up
to bias other pins, such as MODE, ILIM, VPRG, etc.
Topside MOSFET Driver Supply (CB)
AnexternalbootstrapcapacitorCBconnectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
The LTC3895 features an internal switch between DRVCC
and the BOOST pin. This internal switch eliminates the
need for an external bootstrap diode between DRVCC and
BOOST. Capacitor CB in the Functional Diagram is charged
through this internal switch from DRVCC when the SW
pin is low. When the topside MOSFET is to be turned on,
the driver places the CB voltage across the gate-source
of the MOSFET. This enhances the top MOSFET switch
and turns it on. The switch node voltage, SW, rises to VIN
and the BOOST pin follows. With the topside MOSFET on,
the BOOST voltage is above the input supply: VBOOST =
VIN + VDRVCC. The value of the boost capacitor, CB, needs
to be 100 times that of the total input capacitance of the
topside MOSFET(s).
Burst Clamp Programming
Burst Mode operation is enabled if the voltage on the
MODE pin is 0V or in the range between 0.5V to 1V. The
burst clamp, which sets the minimum peak inductor cur-
rent, can be programmed by the MODE pin voltage. If
the MODE pin is grounded, the burst clamp is set to 25%
of the maximum sense voltage (VSENSE(MAX)). A MODE
applicaTions inForMaTion
pin voltage between 0.5V and 1V varies the burst clamp
linearly between 10% and 60% of VSENSE(MAX) through
the following equation:
BURST CLAMP =
VMODE −0.4V
1V
• 100
where VMODE is the voltage on the MODE pin and Burst
Clamp is the percentage of VSENSE(MAX). The burst clamp
levelisdeterminedbythedesiredamountofoutputvoltage
ripple at low output loads. As the burst clamp increases,
the sleep time between pulses and the output voltage
ripple increase.
The MODE pin is high impedance and VMODE can be set
by a resistor divider from the INTVCC pin (Figure 11a).
Alternatively, the MODE pin can be tied directly to the
VFB pin to set the burst clamp to 40% (VMODE = 0.8V),
or through an additional divider resistor (R3). As shown
in Figure 11b, this resistor can be placed below VFB to
program the burst clamp between 10% and 40% (VMODE
= 0.5V to 0.8V) or above VFB to program the burst clamp
between 40% and 60% (VMODE = 0.8V to 1.0V).
BURST CLAMP = 10% TO 60%
3895 F11a
LTC3895
R2
R1
INTVCC
MODE
(11a) Using INTVCC to Program the Burst Clamp
BURST CLAMP = 10% TO 40%
VOUT
LTC3895
R3
R1
VFB
MODE
R2
BURST CLAMP = 40% TO 60%
VOUT
3895 F11b
LTC3895
R2
R1
VFB
MODE
R3
(11b) Using VFB to Program the Burst Clamp
Figure 11. Programming the Burst Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com