Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTC3895
12
3895fa
For more information www.linear.com/LTC3895
operaTion
Main Control Loop
The LTC3895 uses a constant frequency, current mode
step-down architecture. During normal operation, the
external top MOSFET is turned on when the clock sets
the RS latch, and is turned off when the main current
comparator, ICMP, resets the RS latch. The peak inductor
current at which ICMP trips and resets the latch is con-
trolled by the voltage on the ITH pin, which is the output
of the error amplifier, EA. The error amplifier compares
the output voltage feedback signal at the VFB pin (which
is generated with an external resistor divider connected
across the output voltage, VOUT, to ground) to the internal
0.800Vreferencevoltage.Whentheloadcurrentincreases,
it causes a slight decrease in VFB relative to the reference,
which causes the EA to increase the ITH voltage until the
average inductor current matches the new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFETisturnedonuntileithertheinductorcurrentstarts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
DRVCC/EXTVCC/INTVCC Power
Power for the top and bottom MOSFET drivers is derived
from the DRVCC pin. The DRVCC supply voltage can be
programmed from 5V to 10V by setting the DRVSET pin.
Two separate LDOs (low dropout linear regulators) can
provide power from VIN to DRVCC. The internal VIN LDO
usesaninternalP-channelpassdevicebetweentheVINand
DRVCC pins. To prevent high on-chip power dissipation in
high input voltage applications, the LTC3895 also includes
an NDRV LDO that utilizes the NDRV pin to supply power
to DRVCC by driving the gate of an external N-channel
MOSFET acting as a linear regulator with its source con-
nected to DRVCC and drain connected to VIN. The NDRV
LDO includes an internal charge pump that allows NDRV
to be driven above VIN for low dropout performance.
When the EXTVCC pin is tied to a voltage below its swi-
tchover voltage (4.7V or 7.7V depending on the DRVUV
pin), the VIN and NDRV LDOs are enabled and one of
them supplies power from VIN to DRVCC. The VIN LDO
has a slightly lower regulation point than the NDRV LDO.
If the NDRV LDO is being used with an external N-channel
MOSFET, the gate of the MOSFET tied to the NDRV pin
is driven such that DRVCC regulates above the VIN LDO
regulationpoint,causingallDRVCCcurrenttoflowthrough
theexternalN-channelMOSFET,bypassingtheinternalVIN
LDO pass device. If the NDRV LDO is not being used, all
DRVCC current flows through the internal P-channel pass
device between the VIN and DRVCC pins.
If EXTVCC is taken above its switchover voltage, the VIN
and NDRV LDOs are turned off and an EXTVCC LDO is
turned on. Once enabled, the EXTVCC LDO supplies power
from EXTVCC to DRVCC. Using the EXTVCC pin allows the
DRVCC power to be derived from a high efficiency external
source such as the LTC3895 switching regulator output.
TheINTVCCsupplypowersmostoftheotherinternalcircuits
in the LTC3895. The INTVCC LDO regulates to a fixed value
of 5V and its power is derived from the DRVCC supply.
Top MOSFET Driver and Charge Pump (CPUMP_EN Pin)
The top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
cycle through an internal switch whenever SW goes low.
Iftheinputvoltagedecreasestoavoltageclosetoitsoutput,
the loop may enter dropout and attempt to turn on the top
MOSFET continuously. The LTC3895 includes an internal
charge pump that allows the top MOSFET to be turned on
continuously at 100% duty cycle. This charge pump deliv-
ers current to CB and is enabled when the CPUMP_EN pin
is tied to INTVCC. Tying CPUMP_EN to GND disables the
charge pump and causes the dropout detector to force the
top MOSFET off for about one twelfth of the clock period
every tenth cycle to allow CB to recharge, resulting in an
effective 99% max duty cycle.
Shutdown and Start-Up (RUN, SS Pins)
The LTC3895 can be shut down using the RUN pin. Con-
necting the RUN pin below 1.12V shuts down the main
control loop. Connecting the RUN pin below 0.7V disables
the controller and most internal circuits, including the
DRVCCandINTVCCLDOs.Inthisstate,theLTC3895draws
only 10μA of quiescent current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com