Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTC3895
10
3895fa
For more information www.linear.com/LTC3895
pin FuncTions
FREQ(Pin17):FrequencyControlPinfortheInternalVCO.
Connecting the pin to GND forces the VCO to a fixed low
frequency of 350kHz. Connecting the pin to INTVCC forces
the VCO to a fixed high frequency of 535kHz. Other fre-
quencies between 50kHz and 900kHz can be programmed
by using a resistor between FREQ and GND. An internal
20µA pull-up current develops the voltage to be used by
the VCO to control the frequency.
DRVSET (Pin 18): DRVCC Regulation Program Pin. This
pin sets the regulated output voltage of the DRVCC linear
regulator. Tying this pin to GND sets DRVCC to 6.0V. Ty-
ing this pin to INTVCC sets DRVCC to 10V. Other voltages
between 5V and 10V can be programmed by placing a
resistor (50k to 100k) between the DRVSET pin and GND.
An internal 20µA pull-up current develops the voltage to
be used as the reference to the DRVCC LDO.
DRVUV (Pin 19): DRVCC UVLO Program Pin. This pin
determines the higher or lower DRVCC UVLO and EXTVCC
switchoverthresholds,aslistedontheElectricalCharacter-
istics table. Connecting DRVUV to GND chooses the lower
thresholds whereas tying DRVUV to INTVCC chooses the
higher thresholds. Do not float this pin.
TG (Pin 20): High Current Gate Drives for Top N-Channel
MOSFET. This is the output of floating high side driver
with a voltage swing equal to DRVCC superimposed on
the switch node voltage SW.
SW (Pin 21): Switch Node Connection to Inductor.
BOOST (Pin 22): Bootstrapped Supply to the Topside
Floating Driver. A capacitor is connected between the
BOOST and SW pins. Voltage swing at the BOOST pin is
from approximately DRVCC to (VIN + DRVCC).
BG (Pin 24): High Current Gate Drive for Bottom (Syn-
chronous) N-Channel MOSFET. Voltage swing at this pin
is from ground to DRVCC.
DRVCC (Pin 26): Output of the Internal or External Low
DropoutRegulators.Thegatedriversarepoweredfromthis
voltage source. The DRVCC voltage is set by the DRVSET
pin.Mustbedecoupledtogroundwithaminimumof4.7µF
ceramic or other low ESR capacitor, as close as possible
to the IC. Do not use the DRVCC pin for any other purpose.
NDRV (Pin 28): Drive Output for External Pass Device
of the NDRV LDO Linear Regulator for DRVCC. Connect
this pin to the gate of an external NMOS pass device. An
internal charge pump allows NDRV to regulate above VIN
for low dropout performance. To disable this external
NDRV LDO, tie NDRV to DRVCC.
VIN (Pin 30): Main Supply Pin. A bypass capacitor should
be tied between this pin and the GND pins.
EXTVCC (Pin 32): External Power Input to an Internal LDO
linear regulator Connected to DRVCC. This LDO supplies
DRVCC power from EXTVCC, bypassing the internal LDO
powered from VIN or the external NDRV LDO whenever
EXTVCC is higher than its switchover threshold (4.7V or
7.7VdependingontheDRVUVpin).SeeDRVCCRegulators
intheApplicationsInformationsection.Donotexceed 14V
on this pin. Do not connect EXTVCC to a voltage greater
than VIN. Connect to GND if not used.
RUN (Pin 34): Run Control Input. Forcing this pin below
1.12V shuts down the controller. Forcing this pin below
0.7V shuts down the entire LTC3895, reducing quiescent
current to approximately 10µA. This pin can be tied to VIN
for always-on operation. Do not float this pin.
PHASMD (Pin 36): Control Input to Phase Selector. This
determines the CLKOUT phase relationships with respect
to TG. Pulling this pin to ground forces CLKOUT to be
out of phase 90° with respect to TG. Connecting this pin
to INTVCC forces CLKOUT to be out of phase 120° with
respect to TG. Floating this pin forces CLKOUT to be out
of phase 180° with respect to TG.
ILIM (Pin 37): Current Comparator Sense Voltage Range
Input. Tying this pin to GND or INTVCC or floating it sets
the maximum current sense threshold to one of three
different levels (50mV, 100mV, and 75mV, respectively).
INTVCC (Pin 38): Output of the Internal 5V Low Dropout
Regulator.CLKOUTandmanyofthelowvoltageanalogand
digital circuits are powered from this voltage source. A low
ESR 0.1µF ceramic bypass capacitor should be connected
between INTVCC and GND, as close as possible to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com