Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LTC3895
23
3895fa
For more information www.linear.com/LTC3895
applicaTions inForMaTion
3895 F08a
LTC3895
C2*
C1*
R1*
*R1, C1 AND C2 ARE OPTIONAL
VIN
VIN
DRVCC
GND
NDRV
3895 F08b
LTC3895
VIN
VIN
DRVCC
GND
NDRV
Figure 8a. Configuring the NDRV LDO
Figure 8b. Disabling the NDRV LDO
If the NDRV LDO is not being used, connect the NDRV pin
to DRVCC (Figure 8b).
The DRVCC supply is regulated between 5V to 10V, de-
pending on how the DRVSET pin is set. The internal VIN
and EXTVCC LDOs can supply a peak current of at least
50mA. The DRVCC pin must be bypassed to ground with
a minimum of 4.7μF ceramic capacitor. Good bypassing
is needed to supply the high transient currents required
by the MOSFET gate drivers.
The DRVSET pin programs the DRVCC supply voltage and
the DRVUV pin selects different DRVCC UVLO and EXTVCC
switchover threshold voltages. Table 1a summarizes the
different DRVSET pin configurations along with the volt-
age settings that go with each configuration. Table 1b
summarizes the different DRVUV pin settings. Tying the
DRVSET pin to INTVCC programs DRVCC to 10V. Tying the
DRVSET pin to GND programs DRVCC to 6V. Placing a 50k
to 100k resistor between DRVSET and GND the programs
DRVCC between 5V to 10V, as shown in Figure 9.
Table 1a.
DRVSET PIN
DRVCC VOLTAGE
GND
6V
INTVCC
10V
Resistor to GND 50k to 100k
5V to 10V
Table 1b.
DRVUV
DRVCC UVLO
RISING/FALLING
THRESHOLDS
EXTVCC SWITCHOVER
RISING/FALLING
THRESHOLD
GND
4.0V/3.8V
4.7V/4.45V
INTVCC
7.5V/6.7V
7.7V/7.45V
NDRV LDO
or EXTVCC LDO
INTERNAL VIN LDO
DRVSET PIN RESISTOR (kΩ)
50 55 60 65 70 75 80 85 90 95 100 105
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
3895 F09
Figure 9. Relationship Between DRVCC Voltage
and Resistor Value at DRVSET Pin
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC3895 to be
exceeded. The DRVCC current, which is dominated by the
gate charge current, may be supplied by the VIN LDO,
NDRV LDO or the EXTVCC LDO. When the voltage on the
EXTVCC pin is less than its switchover threshold (4.7V or
7.7V as determined by the DRVUV pin described above),
the VIN and NDRV LDOs are enabled. Power dissipation
in this case is highest and is equal to VIN • IDRVCC. If the
NDRV LDO is not being used, this power is dissipated
inside the IC. The gate charge current is dependent on
operating frequency as discussed in the Efficiency Con-
siderations section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com