Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 30Page - Linear Technology LTC7813 Datasheet HTML 31Page - Linear Technology LTC7813 Datasheet HTML 32Page - Linear Technology LTC7813 Datasheet HTML 33Page - Linear Technology LTC7813 Datasheet HTML 34Page - Linear Technology LTC7813 Datasheet HTML 35Page - Linear Technology LTC7813 Datasheet HTML 36Page - Linear Technology LTC7813 Datasheet HTML 37Page - Linear Technology LTC7813 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LTC3895
35
3895fa
For more information www.linear.com/LTC3895
3895 TA05
470µF
COUTA
MBOT
MTOP
CB
0.1µF
CSNS
470nF
CITHA
3.3nF
CITHB
100pF
CSS
0.1µF
CINTVCC
0.1µF
CDRVCC
4.7µF
100µF
CINA
0.47µF
CINB
RITH
4.99k
RFREQ
36.5k
ROVLOB
1M
ROVLOA
18.7k
RSS
330k
RSNS
2.43k
L1
4.7µH
VIN
INTVCC
CPUMP_EN
DRVSET
DRVUV
ITH
SS
GND
LTC3895
TG
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
BOOST
NDRV
DRVCC
VIN
8V to 60V*
VOUT
5V
10A
OVLO
PHASMD
PLLIN
PGOOD
VPRG
ILIM
CLKOUT
GND
RUN
FREQ
GND
GND
MTOP: BSC520N15NS3G
MBOT: BSC042NE7NS3G
L1: COILCRAFT XAL1010-472ME
COUTA: KEMET T520D477M006ATE015
x3
PINS NOT USED IN THIS CIRCUIT
*Surges to 140V,
OVLO stops switching
when VIN > 65V
x2
100µF
COUTB
x2
MODE
High Efficiency 60V to 5V Step-Down Converter with Surge Protection to 140V
Typical applicaTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com