Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 30Page - Linear Technology LTC7813 Datasheet HTML 31Page - Linear Technology LTC7813 Datasheet HTML 32Page - Linear Technology LTC7813 Datasheet HTML 33Page - Linear Technology LTC7813 Datasheet HTML 34Page - Linear Technology LTC7813 Datasheet HTML 35Page - Linear Technology LTC7813 Datasheet HTML 36Page - Linear Technology LTC7813 Datasheet HTML 37Page - Linear Technology LTC7813 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTC3895
38
3895fa
For more information www.linear.com/LTC3895
LINEAR TECHNOLOGY CORPORATION 2016
LT 0916 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3895
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC3891
60V, Low IQ, Synchronous Step-Down
DC/DC Controller with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50μA
LTC3810
100V Synchronous Step-Down DC/DC Controller
Constant On-Time Valley Current Mode
4V ≤ VIN ≤ 100V, 0.8V ≤ VOUT ≤ 0.93 VIN, SSOP-28
LTC3703
100V Synchronous Switching Regulator Controller
Fixed Frequency 100kHz to 600kHz, Voltage Mode Control 9.3V ≤ VIN ≤ 100V,
0.8V ≤ VOUT ≤ 0.93VIN, SSOP-16/SSOP-28
LTC3892/
LTC3892-1
60V Low IQ, Dual, 2-Phase Synchronous Step-Down
DC/DC Controller with 29µA Burst Mode IQ
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 0.99 VIN, Adjustable 5V to 10V Gate Drive, IQ = 29μA
LTC3639
High Efficiency, 150V 100mA Synchronous
Step-Down Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V,
0.8V ≤ VOUT ≤ VIN, IQ = 12μA, MSOP-16(12)
LTC3638
High Efficiency, 140V 250mA Step-Down Regulator
Integrated Power MOSFETs, 4V≤ VIN ≤ 140V,
0.8V ≤ VOUT ≤ VIN, IQ = 12μA, MSOP-16(12)
LTC7138
High Efficiency, 140V 400mA Step-Down Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 140V,
0.8V ≤ VOUT ≤ VIN, IQ = 12μA, MSOP-16(12)
LTC3899
60V, Triple Output, Buck/Buck/Boost Synchronous
Controller with 30µA Burst Mode IQ
4.5V (Down to 2.2V After Start-Up) ≤ VIN ≤ 60V,
Buck VOUT Range: 0.8V to 60V, Boost VOUT Up to 60V
LTC7860
High Efficiency Switching Surge Stopper
3.5V ≤ VIN ≤ 60V, Expandable to 200V+, Adjustable VOUT Clamp
and Current Limit, Power Inductor Improves EMI, MSOP-12
LT8631
100V, 1A Synchronous Micropower Step-Down
Regulator
Integrated Power MOSFETs, 3V ≤ VIN ≤ 100V,
0.8V ≤ VOUT ≤ 60V, IQ = 7μA, TSSOP-20
LTC7813
Low IQ, Synchronous Boost + Buck DC/DC Controller
4.5V (Down to 2.2V after Start-Up) ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 60V,
Adjustable 5V to 10V Gate Drive, IQ = 33μA
150µF
COUTA
22µF
COUTB
RSENSE
6m
MBOT
MTOP
CB
0.1µF
L1
33µH
CSNS
1nF
CITHA
4.7nF
CITHB
100pF
RA
36.5k
CSS
0.1µF
CINTVCC
0.1µF
RPGOOD
100k
CDRVCC
4.7µF
100µF
CINA
0.47µF
CINB
RB
511k
RITH
10k
MNDRV
RFREQ
30.1k
RDRVSET
80.6k
CB
10pF
VIN
INTVCC
CPUMP_EN
DRVSET
DRVUV
ITH
SS
GND
LTC3895
TG
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
BOOST
NDRV
DRVCC
VIN
7V to 140V
VOUT
12V*
5A
*VOUT FOLLOWS VIN WHEN VIN < 12V
OVLO
PHASMD
PLLIN
PGOOD
VPRG
ILIM
CLKOUT
GND
RUN
FREQ
3895 TA06
GND
GND
MTOP, MBOT: BSC520N15NS3G
MNDRV: IPD320N20N3
L1: WURTH 7443633300
COUTA: AVX TPSD157M016R0125
x2
x3
MODE
x3
PINS NOT USED IN THIS CIRCUIT
Figure 13. High Efficiency 140V to 12V Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com