Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology LTC7813 Datasheet HTML 28Page - Linear Technology LTC7813 Datasheet HTML 29Page - Linear Technology LTC7813 Datasheet HTML 30Page - Linear Technology LTC7813 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTC3895
27
3895fa
For more information www.linear.com/LTC3895
applicaTions inForMaTion
If the external and internal frequencies are the same but
exhibit a phase difference, the current sources turn on for
an amount of time corresponding to the phase difference.
The voltage at the VCO input is adjusted until the phase
and frequency of the internal and external oscillators are
identical. At the stable operating point, the phase detector
output is high impedance and the internal filter capacitor,
CLP, holds the voltage at the VCO input.
Note that the LTC3895 can only be synchronized to an
external clock whose frequency is within range of the
LTC3895’sinternalVCO,whichisnominally55kHzto1MHz.
This is guaranteed to be between 75kHz and 850kHz. The
LTC3895 is guaranteed to synchronize to an external clock
that swings up to at least 2.8V and down to 0.5V or less.
Rapid phase-locking can be achieved by using the FREQ
pin to set a free-running frequency near the desired
synchronization frequency. The VCO’s input voltage is
prebiased at a frequency corresponding to the frequency
set by the FREQ pin. Once prebiased, the PLL only needs
to adjust the frequency slightly to achieve phase lock and
synchronization. Although it is not required that the free-
running frequency be near the external clock frequency,
doingsowillpreventtheoperatingfrequencyfrompassing
through a large range of frequencies as the PLL locks.
Table 2 summarizes the different states in which the FREQ
pin can be used. When synchronized to an external clock,
the LTC3895 operates in forced continuous mode at light
loads if the MODE pin is set to Burst Mode operation or
forced continuous operation. If the MODE pin is set to
pulse-skipping operation, the LTC3895 maintains pulse-
skipping operation when synchronized.
Table 2.
FREQ PIN
PLLIN PIN
FREQUENCY
0V
DC Voltage
350kHz
INTVCC
DC Voltage
535kHz
Resistor to GND
DC Voltage
50kHz to 900kHz
Any of the Above
External Clock
75kHz to 850kHz
Phase Locked to
External Clock
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the LTC3895 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN(f)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC3895 is approximately
80ns. However, as the peak sense voltage decreases
the minimum on-time gradually increases up to about
130ns. This is of particular concern in forced continuous
applications with low ripple current at light loads. If the
duty cycle drops below the minimum on-time limit in this
situation, a significant amount of cycle skipping can occur
with correspondingly larger current and voltage ripple.
FREQ PIN RESISTOR (k)
15
600
800
1000
35 45 55
25
3895 F12
400
200
500
700
900
300
100
0
65 75 85 95 105 115 125
Figure 12. Relationship Between Oscillator Frequency
and Resistor Value at the FREQ Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com