Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology LTC7813 Datasheet HTML 18Page - Linear Technology LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LTC3895
19
3895fa
For more information www.linear.com/LTC3895
applicaTions inForMaTion
The peak-to-peak drive levels are set by the DRVCC volt-
age. This voltage can range from 5V to 10V depending on
configurationoftheDRVSETpin.Therefore,bothlogic-level
and standard-level threshold MOSFETs can be used in
most applications depending on the programmed DRVCC
voltage. Pay close attention to the BVDSS specification for
the MOSFETs as well.
TheLTC3895’sabilitytoadjustthegatedrivelevelbetween
5V to 10V (OPTI-DRIVE) allows an application circuit to
be precisely optimized for efficiency. When adjusting the
gate drive level, the final arbiter is the total input current
for the regulator. If a change is made and the input cur-
rent decreases, then the efficiency has improved. If there
is no change in input current, then there is no change in
efficiency.
Selection criteria for the power MOSFETs include the
on-resistance RDS(ON), Miller capacitance CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
MAIN SWITCH DUTY CYCLE =
VOUT
VIN
SYNCHRONOUS SWITCH DUTY CYCLE =
VIN − VOUT
VIN
The MOSFET power dissipations at maximum output
current are given by:
PMAIN =
VOUT
VIN
IOUT(MAX)
(
)
2 1+δ
(
)RDS(ON) +
(VIN)2
IOUT(MAX)
2
⎛
⎝
⎜
⎞
⎠
⎟(RDR)(CMILLER) •
1
VDRVCC − VTHMIN
+
1
VTHMIN
⎡
⎣
⎢
⎤
⎦
⎥(f)
PSYNC =
VIN − VOUT
VIN
IOUT(MAX)
(
)
2 1+δ
(
)RDS(ON)
where δ is the temperature dependency of RDS(ON) and
RDR (approximately 2Ω) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTHMIN is the
typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the main N-channel
equations include an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rapidly
increase to the point that the use of a higher RDS(ON)device
with lower CMILLERactuallyprovideshigherefficiency.The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1+ δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
CIN and COUT Selection
TheselectionofCINisusuallybasedofftheworst-caseRMS
input current. The highest (VOUT)(IOUT) product needs to
be used in the formula shown in Equation 1 to determine
the maximum RMS capacitor current requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com