Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology LTC3871 Datasheet HTML 10Page - Linear Technology LTC3871 Datasheet HTML 11Page - Linear Technology LTC3871 Datasheet HTML 12Page - Linear Technology LTC3871 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC7801
9
7801f
For more information www.linear.com/LTC7801
VFB (Pin 1/Pin 3): Feedback Input. This pin receives the
remotelysensedfeedbackvoltagefromanexternalresistor
divider across the output.
ITH (Pin 2/Pin 4): Error Amplifier Output and Switching
Regulator Compensation Point. The current comparator
trip point increases with this control voltage.
MODE (Pin 3/Pin 5): Mode Select and Burst Clamp Adjust
Input. This input determines how the LTC7801 operates at
light loads. Pulling this pin to ground selects Burst Mode
operation with the burst clamp level defaulting to 25% of
VSENSE(MAX). Tying this pin to a voltage between 0.5V and
1.0V selects Burst Mode operation and adjusts the burst
clamp between 10% and 60%. Tying this pin to INTVCC
forcescontinuousinductorcurrentoperation.Tyingthispin
to a voltage greater than 1.4V and less than INTVCC – 1.3V
selects pulse-skipping operation.
GND (Pin 4, Exposed Pin 25/Pin 6, Exposed Pad Pin 25):
Ground. All GND pins must be tied together for operation.
The exposed pad must be soldered to PCB ground for
rated electrical and thermal performance.
CPUMP_EN (Pin 5/Pin 7): Charge Pump Enable Pin for
the Top Gate Driver Boost Supply. Tying this pin to INTVCC
enables the boost supply charge pump and allows for
100% duty cycle operation in dropout. Tying this pin to
GND disables the charge pump and enables boost refresh,
allowing for 99% duty cycle operation in dropout. Do not
float this pin.
PLLIN (Pin 6/ Pin 8): External Synchronization Input to
Phase Detector. When an external clock is applied to this
pin, the phase-locked loop will force the rising TG signal
to be synchronized with the rising edge of the external
clock. If the MODE pin is set to Forced Continuous Mode
or Burst Mode operation, then the regulator operates in
ForcedContinuousModewhensynchronized.IftheMODE
pin is set to pulse-skipping mode, then the regulator oper-
ates in pulse-skipping mode when synchronized.
PGOOD (Pin 7/Pin 9): Open-Drain Logic Output. PGOOD
is pulled to ground when the voltage on the VFB pin is not
within ±10% of its set point.
FREQ (Pin 8/Pin 10): Frequency Control Pin for the In-
ternal VCO. Connecting the pin to GND forces the VCO
to a fixed low frequency of 350kHz. Connecting the pin
to INTVCC forces the VCO to a fixed high frequency of
535kHz. Other frequencies between 50kHz and 900kHz
can be programmed by using a resistor between FREQ
and GND. An internal 20µA pull-up current develops the
voltage to be used by the VCO to control the frequency.
DRVSET (Pin 9/Pin 11): DRVCC Regulation Program Pin.
This pin sets the regulated output voltage of the DRVCC
linear regulator. Tying this pin to GND sets DRVCC to 6.0V.
Tying this pin to INTVCC sets DRVCC to 10V. Other voltages
between 5V and 10V can be programmed by placing a
resistor (50k to 100k) between the DRVSET pin and GND.
An internal 20µA pull-up current develops the voltage to
be used as the reference to the DRVCC LDO.
DRVUV (Pin 10/Pin 12): DRVCC UVLO Program Pin. This
pin determines the higher or lower DRVCC UVLO and
EXTVCC switchover thresholds, as listed on the Electrical
Characteristics table. Connecting DRVUV to GND chooses
the lower thresholds whereas tying DRVUV to INTVCC
chooses the higher thresholds. Do not float this pin.
TG (Pin 11/Pin 13): High Current Gate Drives for Top N-
Channel MOSFET. This is the output of floating high side
driver with a voltage swing equal to DRVCC superimposed
on the switch node voltage SW.
SW (Pin 12/Pin 14): Switch Node Connection to Inductor.
BOOST (Pin 13/Pin 15): Bootstrapped Supply to the Top-
side Floating Driver. A capacitor is connected between the
BOOST and SW pins. Voltage swing at the BOOST pin is
from approximately DRVCC to (VIN + DRVCC).
BG (Pin 14/Pin 16): High Current Gate Drive for Bottom
(Synchronous) N-Channel MOSFET. Voltage swing at this
pin is from ground to DRVCC.
DRVCC (Pin 15/Pin 17): Output of the Internal or External
Low Dropout Regulators. The gate drivers are powered
from this voltage source. The DRVCC voltage is set by
the DRVSET pin. Must be decoupled to ground with a
minimum of 4.7µF ceramic or other low ESR capacitor,
as close as possible to the IC. Do not use the DRVCC pin
for any other purpose.
pin FuncTions (QFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com