Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology LTC3871 Datasheet HTML 10Page - Linear Technology LTC3871 Datasheet HTML 11Page - Linear Technology LTC3871 Datasheet HTML 12Page - Linear Technology LTC3871 Datasheet HTML 13Page - Linear Technology LTC3871 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTC7801
10
7801f
For more information www.linear.com/LTC7801
NDRV (Pin 16/Pin 18): Drive Output for External Pass
Device of the NDRV LDO Linear Regulator for DRVCC.
Connect this pin to the gate of an external NMOS pass
device. An internal charge pump allows NDRV to regulate
above VIN for low dropout performance. To disable this
external NDRV LDO, tie NDRV to DRVCC.
VIN (Pin 17/Pin 19): Main Supply Pin. A bypass capacitor
should be tied between this pin and the GND pins.
EXTVCC (Pin 18/Pin 20): External Power Input to an
Internal LDO linear regulator Connected to DRVCC. This
LDO supplies DRVCC power from EXTVCC, bypassing the
internal LDO powered from VIN or the external NDRV LDO
whenever EXTVCC is higher than its switchover threshold
(4.7V or 7.7V depending on the DRVUV pin). See DRVCC
Regulators in the Applications Information section. Do
not exceed 14V on this pin. Do not connect EXTVCC to a
voltage greater than VIN. If not used, connect to GND and
place a 330k or smaller resistor between INTVCC and SS.
RUN (Pin 19/Pin 21): Run Control Input. Forcing this pin
below 1.12V shuts down the controller. Forcing this pin
below 0.7V shuts down the entire LTC7801, reducing
quiescent current to approximately 10µA. This pin can be
tied to VIN for always-on operation. Do not float this pin.
INTVCC (Pin 20/Pin 22): Output of the Internal 5V Low
Dropout Regulator. Many of the low voltage analog and
digital circuits are powered from this voltage source. A
low ESR 0.1µF ceramic bypass capacitor should be con-
nected between INTVCC and GND, as close as possible to
the LTC7801.
OVLO(Pin21/Pin23):OvervoltageLockoutInput.Avoltage
on this pin above 1.2V disables switching of the controller.
TheDRVCCandINTVCCsuppliesmaintainregulationduring
an OVLO event. Exceeding the OVLO threshold triggers a
soft-start reset. If the OVLO function is not used, connect
this pin to GND.
SENSE+ (Pin 22/Pin 24): The (+) Input to the Differential
Current Comparator. The ITH pin voltage and controlled
offsets between the SENSE– and SENSE+ pins in conjunc-
tion with RSENSE set the current trip threshold.
SENSE– (Pin 23/Pin 1): The (–) Input to the Differential
CurrentComparator.WhenSENSE–isgreaterthanINTVCC,
the SENSE– pin supplies power to the current comparator.
SS (Pin 24/Pin 2): Soft-Start Input. The LTC7801 regu-
lates the VFB voltage to the smaller of 0.8V or the voltage
on the SS pin. An internal 10μA pull-up current source is
connected to this pin. A capacitor to ground at this pin
sets the ramp time to final regulated output voltage. The
SS pin is also used for the Regulator Shutdown (REGSD)
feature. A 5μA/1μA pull-down current can be connected
on SS depending on the state of the EXTVCC LDO and the
voltage on SS. See Regulator Shutdown in the Operation
sectionformoreinformation.TodefeattheREGSDfeature,
place a 330k or smaller resistor between INTVCC and SS.
See Soft-Start Pin in the Applications Information section
for more information on defeating REGSD.
pin FuncTions (QFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com