Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 29Page - Linear Technology LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology LTC3871 Datasheet HTML 32Page - Linear Technology LTC3871 Datasheet HTML 33Page - Linear Technology LTC3871 Datasheet HTML 34Page - Linear Technology LTC3871 Datasheet HTML 35Page - Linear Technology LTC3871 Datasheet HTML 36Page - Linear Technology LTC3871 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LTC7801
33
7801f
For more information www.linear.com/LTC7801
Typical applicaTions
High Efficiency Switching Surge Stopper
39µF
COUTA
22µF
COUTB
RSENSE
8m
MBOT
MTOP
CB
0.1µF
L1
15µH
CSNS
1nF
CITHA
4.7nF
CITHB
100pF
CSS
0.1µF
CINTVCC
0.1µF
CDRVCC
4.7µF
100µF
CINA
0.47µF
CINB
RITH
10k
RFREQ
42.2k
ROVLOB
1M
ROVLOA
34.9k
RSS
100k
COVLO
3.3µF
RA
46.4k
RB
1M
ROVLOC
1M
VIN
INTVCC
CPUMP_EN
DRVSET
DRVUV
ITH
SS
7801 TA03a
LTC7801
TG
SW
BG
SENSE+
SENSE-
EXTVCC
VFB
BOOST
NDRV
DRVCC
VIN
12V*
VOUT
12V**
5A
OVLO
GND
RUN
FREQ
PLLIN
MTOP: BSC190N15NS3G
MBOT: BSC520N15NS3G
L1: WURTH 74435571500
COUTA: OS-CON 35SVPF39M
x4
MODE
PIN NOT USED
IN THIS CIRCUIT: PGOOD
**VOUT FOLLOWS VIN WHEN VIN < 18V,
VOUT REGULATES TO 18V WHEN VIN > 18V
*SURGES TO 140V,
OVLO TIMER LIMITS
SWITCHING TIME
ABOVE 36V TO 4 SECONDS
100µs/DIV
GND
VIN
20V/DIV
VOUT
20V/DIV
7801 TA03b
20ms/DIV
GND
VIN
20V/DIV
VOUT
20V/DIV
7801 TA03c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com