Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 13Page - Linear Technology LTC3871 Datasheet HTML 14Page - Linear Technology LTC3871 Datasheet HTML 15Page - Linear Technology LTC3871 Datasheet HTML 16Page - Linear Technology LTC3871 Datasheet HTML 17Page - Linear Technology LTC3871 Datasheet HTML 18Page - Linear Technology LTC3871 Datasheet HTML 19Page - Linear Technology LTC3871 Datasheet HTML 20Page - Linear Technology LTC3871 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LTC7801
17
7801f
For more information www.linear.com/LTC7801
applicaTions inForMaTion
Inductor DCR Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC7801 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 3b. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such
an inductor, power loss through a sense resistor would
cost several points of efficiency compared to inductor
DCR sensing.
(3a) Using a Resistor to Sense Current
(3b) Using the Inductor DCR to Sense Current
Figure 3. Current Sensing Methods
7801 F03a
LTC7801
BOOST
TG
SW
BG
GND
SENSE–
SENSE+
VIN
VOUT
RSENSE
CAP
PLACED NEAR SENSE PINS
7801 F03b
LTC7801
VIN
VOUT
C1*
R2
*PLACE C1 NEAR SENSE PINS RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR
BOOST
TG
SW
BG
GND
SENSE–
SENSE+
If the external (R1||R2) • C1 time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across the external capacitor is equal to the drop across
theinductorDCRmultipliedbyR2/(R1+R2).R2scalesthe
voltage across the sense terminals for applications where
the DCR is greater than the target sense resistor value.
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature; consult
the manufacturers’ data sheets for detailed information.
Using the inductor ripple current value from the Inductor
ValueCalculationsection,thetargetsenseresistorvalueis:
RSENSE(EQUIV) =
VSENSE(MAX)
IMAX +
∆IL
2
To ensure that the application will deliver full load current
over the full operating temperature range, choose the
minimum value for VSENSE(MAX) in the Electrical Charac-
teristics table.
Next, determine the DCR of the inductor. When provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of copper resistance, which is approximately
0.4%/°C. A conservative value for TL(MAX) is 100°C.
To scale the maximum inductor DCR to the desired sense
resistor value (RD), use the divider ratio:
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
C1 is usually selected to be in the range of 0.1μF to 0.47μF.
This forces R1|| R2 to around 2k, reducing error that might
have been caused by the SENSE+ pin’s ±1μA current.
The equivalent resistance R1||R2 is scaled to the tempera-
ture inductance and maximum DCR:
R1||R2
=
L
(DCR at 20°C) • C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com