Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 27Page - Linear Technology LTC3871 Datasheet HTML 28Page - Linear Technology LTC3871 Datasheet HTML 29Page - Linear Technology LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology LTC3871 Datasheet HTML 32Page - Linear Technology LTC3871 Datasheet HTML 33Page - Linear Technology LTC3871 Datasheet HTML 34Page - Linear Technology LTC3871 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTC7801
31
7801f
For more information www.linear.com/LTC7801
4. IstheDRVCCanddecouplingcapacitorconnectedclose
to the IC, between the DRVCCandthegroundpin?This
capacitor carries the MOSFET drivers’ current peaks.
5. Keep the SW, TG, and BOOST nodes away from sensi-
tive small-signal nodes. All of these nodes have very
large and fast moving signals and therefore should be
kept on the output side of the LTC7801 and occupy
minimum PC trace area.
6. Useamodifiedstargroundtechnique:alowimpedance,
large copper area central grounding point on the same
side of the PC board as the input and output capacitors
with tie-ins for the bottom of the DRVCC decoupling
capacitor, the bottom of the voltage feedback resistive
divider and the GND pin of the IC.
PC Board Layout Debugging
It is helpful to use a DC-50MHz current probe to monitor
thecurrentintheinductorwhiletestingthecircuit.Monitor
the output switching node (SW pin) to synchronize the
oscilloscope to the internal oscillator and probe the actual
output voltage as well. Check for proper performance over
the operating voltage and current range expected in the
application. The frequency of operation should be main-
tained over the input voltage range down to dropout and
until the output load drops below the low current opera-
tion threshold—typically 25% of the maximum designed
current level in Burst Mode operation.
Thedutycyclepercentageshouldbemaintainedfromcycle
tocycleinawell-designed,lownoisePCBimplementation.
Variation in the duty cycle at a subharmonic rate can sug-
gest noise pickup at the current or voltage sensing inputs
or inadequate loop compensation. Overcompensation of
the loop can be used to tame a poor PC layout if regulator
bandwidth optimization is not required.
Reduce VIN from its nominal level to verify operation of
the regulator in dropout. Check the operation of the un-
dervoltage lockout circuit by further lowering VIN while
monitoring the output to verify operation.
applicaTions inForMaTion
Investigate whether any problems exist only at higher out-
put currents or only at higher input voltages. If problems
coincide with high input voltages and low output currents,
look for capacitive coupling between the BOOST, SW, TG,
and possibly BG connections and the sensitive voltage
and current pins. The capacitor placed across the current
sensing pins needs to be placed immediately adjacent to
the pins of the IC. This capacitor helps to minimize the
effects of differential noise injection due to high frequency
capacitive coupling. If problems are encountered with
high current output loading at lower input voltages, look
for inductive coupling between CIN, the top MOSFET and
the bottom MOSFET to the sensitive current and voltage
sensing traces. In addition, investigate common ground
path voltage pickup between these components and the
GND pin of the IC.
An embarrassing problem, which can be missed in an
otherwise properly working switching regulator, results
when the current sensing leads are hooked up backwards.
The output voltage under this improper hookup will still
be maintained but the advantages of current mode control
will not be realized. Compensation of the voltage loop will
be much more sensitive to component selection. This
behavior can be investigated by temporarily shorting out
the current sensing resistor—don’t worry, the regulator
will still maintain control of the output voltage.
Pin Clearance/Creepage Considerations
TheLTC7801isavailableintwopackages(QFNandTSSOP)
with identical functionality. However, the space between
adjacent pins on the LTC7801 may not provide sufficient
PC board trace clearance between high and low voltage
pins in some higher voltage applications. In applications
where clearance is required, the LTC3895 should be used.
The LTC3895 has removed pins between all the adjacent
high voltage and low voltage pins, providing 0.68mm
clearance which is sufficient for most applications. For
more information, refer to the printed circuit board design
standards described in IPC-2221 (www.ipc.org).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com