Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 26Page - Linear Technology LTC3871 Datasheet HTML 27Page - Linear Technology LTC3871 Datasheet HTML 28Page - Linear Technology LTC3871 Datasheet HTML 29Page - Linear Technology LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology LTC3871 Datasheet HTML 32Page - Linear Technology LTC3871 Datasheet HTML 33Page - Linear Technology LTC3871 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LTC7801
30
7801f
For more information www.linear.com/LTC7801
applicaTions inForMaTion
Design Example
As a design example, assume VIN = 12V (nominal), VIN =
22V (max), VOUT = 3.3V, IMAX = 5A, VSENSE(MAX) = 75mV
and f = 350kHz. The inductance value is chosen first based
on a 30% ripple current assumption. The highest value
of ripple current occurs at the maximum input voltage.
Tie the FREQ pin to GND, generating 350kHz operation.
The inductor ripple current can be calculated from the
following equation:
∆IL =
VOUT
(f)(L)
1
−
VOUT
VIN(NOM)


A 4.7μH inductor will produce 29% ripple current. The
peak inductor current will be the maximum DC value plus
one half the ripple current, or 5.73A. Increasing the ripple
current will also help ensure that the minimum on-time
of 80ns is not violated. The minimum on-time occurs at
maximum VIN:
tON(MIN) =
VOUT
VIN(MAX)(f)
=
3.3V
22V(350kHz)
= 429ns
The equivalent RSENSE resistor value can be calculated by
using the minimum value for the maximum current sense
threshold (66mV):
RSENSE ≤
66mV
5.73A
 0.01Ω
Choosing 1% resistors: RA = 24.9k and RB = 78.7k yields
an output voltage of 3.33V.
The power dissipation on the topside MOSFET can be
easily estimated. Choosing a Fairchild FDS6982S dual
MOSFET results in: RDS(ON) = 0.035Ω/0.022Ω, CMILLER
= 215pF. With 6V gate drive and maximum input voltage
with T(estimated) = 50°C:
PMAIN =
3.3V
22V
(5A)2 1
+(0.005)(50°C−25°C
[
]
(0.035
Ω)+(22V)2
5A
2
(2.5
Ω)(215pF) •
1
6V
−2.3V
+
1
2.3V


(350kHz)
= 308mW
A short-circuit to ground will result in a folded back cur-
rent of:
ISC =
34mV
0.01
Ω
−
1
2
80ns(22V)
4.7µH
 = 3.21A
with a typical value of RDS(ON) and δ = (0.005/°C)(25°C)
= 0.125. The resulting power dissipated in the bottom
MOSFET is:
PSYNC = (3.21A)2 (1.125) (0.022Ω) = 255mW
which is less than under full-load conditions. CINischosen
for an RMS current rating of at least 3A at temperature.
COUTischosenwithanESRof0.02Ωforlowoutputripple.
The output ripple in continuous mode will be highest at
the maximum input voltage. The output voltage ripple due
to ESR is approximately:
VORIPPLE = RESR (∆IL) = 0.02Ω (1.45A) = 29mVP-P
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC.
1. Are the signal and power grounds kept separate?
The combined IC signal ground pin and the ground
return of CDRVCC must return to the combined COUT
(–) terminals. The path formed by the top N-channel
MOSFET, bottom N-channel MOSFET and the CIN ca-
pacitor should have short leads and PC trace lengths.
Theoutputcapacitor(–)terminalsshouldbeconnected
as close as possible to the (–) terminals of the input
capacitor by placing the capacitors next to each other.
2. Does the LTC7801 VFB pin’s resistive divider connect
to the (+) terminal of COUT? The resistive divider must
be connected between the (+) terminal of COUT and
signal ground. The feedback resistor connections
should not be along the high current input feeds from
the input capacitor(s).
3. Are the SENSE– and SENSE+ leads routed together
with minimum PC trace spacing? The filter capacitor
between SENSE+ and SENSE– should be as close as
possible to the IC. Ensure accurate current sensing
with Kelvin connections at the SENSE resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com