Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 20Page - Linear Technology LTC3871 Datasheet HTML 21Page - Linear Technology LTC3871 Datasheet HTML 22Page - Linear Technology LTC3871 Datasheet HTML 23Page - Linear Technology LTC3871 Datasheet HTML 24Page - Linear Technology LTC3871 Datasheet HTML 25Page - Linear Technology LTC3871 Datasheet HTML 26Page - Linear Technology LTC3871 Datasheet HTML 27Page - Linear Technology LTC3871 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LTC7801
24
7801f
For more information www.linear.com/LTC7801
applicaTions inForMaTion
The junction temperature can be estimated by using the
equations given in Note 2 of the Electrical Characteristics.
For example, if DRVCC is set to 6V, the DRVCC current is
limited to less than 32mA from a 40V supply when not
using the EXTVCC or NDRV LDOs at a 70°C ambient tem-
perature in the QFN package:
TJ = 70°C + (32mA)(40V)(43°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the VIN supply current must be checked while
operating in forced continuous mode (MODE = INTVCC)
at maximum VIN.
When the voltage applied to EXTVCC rises above its swi-
tchover threshold, the VIN and NDRV LDOs are turned off
and the EXTVCC LDO is enabled. The EXTVCC LDO remains
on as long as the voltage applied to EXTVCC remains above
theswitchoverthresholdminusthecomparatorhysteresis.
TheEXTVCCLDOattemptstoregulatetheDRVCCvoltageto
the voltage as programmed by the DRVSET pin, so while
EXTVCC is less than this voltage, the LDO is in dropout
and the DRVCC voltage is approximately equal to EXTVCC.
When EXTVCC is greater than the programmed voltage,
up to an absolute maximum of 14V, DRVCC is regulated
to the programmed voltage.
Using the EXTVCC LDO allows the MOSFET driver and
control power to be derived from the LTC7801’s switch-
ing regulator output (4.7V/7.7V ≤ VOUT ≤ 14V) during
normal operation and from the VIN or NDRV LDO when the
output is out of regulation (e.g., start-up, short-circuit).
If more current is required through the EXTVCC LDO than
is specified, an external Schottky diode can be added
between the EXTVCC and DRVCC pins. In this case, do not
apply more than 10V to the EXTVCC pin and make sure
that EXTVCC ≤ VIN.
Significant efficiency and thermal gains can be realized
by powering DRVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency).
For 5V to 14V regulator outputs, this means connecting
the EXTVCC pin directly to VOUT. Tying the EXTVCC pin to
an 8.5V supply reduces the junction temperature in the
previous example from 125°C to:
TJ = 70°C + (32mA)(8.5V)(43°C/W) = 82°C
However, for 3.3V and other low voltage outputs, addi-
tional circuitry is required to derive DRVCC power from
the output.
The following list summarizes the five possible connec-
tions for EXTVCC:
1. EXTVCC grounded. This will cause DRVCC to be pow-
ered from the internal VIN or NDRV LDO resulting in
an efficiency penalty of up to 10% at high input volt-
ages. If EXTVCC is grounded, the REGSD feature must
be defeated with a pull-up resistor 330k or smaller
between SS and INTVCC.
2. EXTVCCconnecteddirectlytotheregulatoroutput.This
is the normal connection for a 5V to 14V regulator and
provides the highest efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available in the 5V to 14V range, it may be
used to power EXTVCC providing it is compatible with
the MOSFET gate drive requirements. Ensure that
EXTVCC ≤ VIN.
4. EXTVCC connected to the regulator output through an
external zener diode. If the output voltage is greater
than 14V, a zener diode can be used to drop the
necessary voltage between VOUT and EXTVCC such
that EXTVCC remains below 14V (Figure 10). In this
configuration,abypasscapacitoronEXTVCCofatleast
0.1μF is recommended. An optional resistor between
EXTVCC and GND can be inserted to ensure adequate
bias current through the zener diode.
7801 F10
LTC7801
VOUT > 14V
EXTVCC
GND
EXTVCC < 14V
0.1µF
Figure 10. Using a Zener Diode Between VOUT and EXTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com