Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 12Page - Linear Technology LTC3871 Datasheet HTML 13Page - Linear Technology LTC3871 Datasheet HTML 14Page - Linear Technology LTC3871 Datasheet HTML 15Page - Linear Technology LTC3871 Datasheet HTML 16Page - Linear Technology LTC3871 Datasheet HTML 17Page - Linear Technology LTC3871 Datasheet HTML 18Page - Linear Technology LTC3871 Datasheet HTML 19Page - Linear Technology LTC3871 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC7801
16
7801f
For more information www.linear.com/LTC7801
TheTypicalApplicationonthefirstpageisabasicLTC7801
application circuit. LTC7801 can be configured to use
either DCR (inductor resistance) sensing or low value
resistor sensing. The choice between the two current
sensing schemes is largely a design trade-off between
cost, power consumption and accuracy. DCR sensing
is becoming popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. However, current sensing
resistors provide the most accurate current limits for the
controller. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs are selected. Finally, input and output
capacitors are selected.
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the cur-
rent comparator. The common mode voltage range on
these pins is 0V to 65V (absolute maximum), enabling
the LTC7801 to regulate output voltages up to a nominal
set point of 60V (allowing margin for tolerances and tran-
sients). The SENSE+ pin is high impedance over the full
common mode range, drawing at most ±1μA. This high
impedance allows the current comparators to be used in
inductor DCR sensing. The impedance of the SENSE– pin
changes depending on the common mode voltage. When
SENSE– is less than INTVCC – 0.5V, a small current of less
than 1μA flows out of the pin. When SENSE– is above
INTVCC + 0.5V, a higher current (≈850μA) flows into the
pin. Between INTVCC–0.5VandINTVCC+0.5V,thecurrent
transitions from the smaller current to the higher current.
Filter components mutual to the sense lines should be
placed close to the LTC7801, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 2). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
applicaTions inForMaTion
programmed current limit unpredictable. If DCR sensing
is used (Figure 3b), resistor R1 should be placed close to
the switching node, to prevent noise from coupling into
sensitive small-signal nodes.
Figure 2. Sense Lines Placement with Inductor or Sense Resistor
7801 F02
TO SENSE FILTER
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
CURRENT FLOW
COUT
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 3a. RSENSE is chosen based on the required
output current.
The current comparator has a maximum threshold
VSENSE(MAX) determined by the ILIM setting. The current
comparator threshold voltage sets the peak of the induc-
tor current, yielding a maximum average output current,
IMAX, equal to the peak value less half the peak-to-peak
ripple current, ∆IL. To calculate the sense resistor value,
use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
∆IL
2
Normally in high duty cycle conditions, the maximum
output current level will be reduced due to the internal
compensationrequiredtomeetstabilitycriterionoperating
at greater than 50% duty factor. The LTC7801, however,
uses a proprietary circuit to nullify the effect of slope
compensation on the current limit performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com