Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology LTC3871 Datasheet HTML 32Page - Linear Technology LTC3871 Datasheet HTML 33Page - Linear Technology LTC3871 Datasheet HTML 34Page - Linear Technology LTC3871 Datasheet HTML 35Page - Linear Technology LTC3871 Datasheet HTML 36Page - Linear Technology LTC3871 Datasheet HTML 37Page - Linear Technology LTC3871 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTC7801
34
7801f
For more information www.linear.com/LTC7801
Typical applicaTions
High Efficiency 140V to 24V Step-Down Regulator
7801 TA04
68µF
COUTA
10µF
COUTB
MBOT
MTOP
CB
0.1µF
L1
33µH
CSNS
1nF
CITHA
3.3nF
CITHB
100pF
CSS
0.1µF
CINTVCC
0.1µF
CDRVCC
4.7µF
100µF
CINA
0.47µF
CINB
RITH
23.7k
RA
28k
RB
806k
DEXT
12V
RSENSE
6m
RFREQ
36.5k
CEXT
1µF
VIN
INTVCC
CPUMP_EN
DRVSET
DRVUV
ITH
SS
LTC7801
TG
SW
BG
SENSE+
SENSE–
VFB
BOOST
NDRV
DRVCC
VIN
8V to 140V
VOUT
24V*
5A
OVLO
GND
RUN
FREQ
PLLIN
MTOP, MBOT: BSC520N15NS3G
DEXT: DIODES INC. SMAZ12-13-F
L1: WURTH 7443633300
COUTA: SUNCON 35CE68LX
x4
MODE
PIN NOT USED
IN THIS CIRCUIT: PGOOD
*VOUT follows VIN when
x2
VIN < 24V
V
10
OUT
EXTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com