Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology LTC3871 Datasheet HTML 32Page - Linear Technology LTC3871 Datasheet HTML 33Page - Linear Technology LTC3871 Datasheet HTML 34Page - Linear Technology LTC3871 Datasheet HTML 35Page - Linear Technology LTC3871 Datasheet HTML 36Page - Linear Technology LTC3871 Datasheet HTML 37Page - Linear Technology LTC3871 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTC7801
38
7801f
For more information www.linear.com/LTC7801
LT 0517 • PRINTED IN USA
www.linear.com/LTC7801
LINEAR TECHNOLOGY CORPORATION 2017
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC3895
150V Low IQ, Synchronous Step-Down DC/DC Controller
100% Duty Cycle Capability, Adjustable 5V to 10V Gate Drive
4V ≤ VIN ≤ 140V, 150VPK, 0.8V ≤ VOUT ≤ 60V, IQ = 40µA PLL Fixed
Frequency 50kHz to 900kHz
LTC7800
60V, Low IQ, Synchronous Step-Down DC/DC Controller
with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA PLL Fixed Frequency
320kHz to 2.25MHz
LTC3871
Bidirectional PolyPhase® Synchronous Buck or Boost
Controller
VHIGH Up to 100V, VLOW Up to 30V, High Power Buck or Boost On Demand
LTC3892/
LTC3892-1
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 0.99VIN, PLL Fixed Frequency 50kHz to
900kHz, Adjustable 5V to 10V Gate Drive, IQ = 29µA
LTC3639
High Efficiency, 140V 100mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC3638
High Efficiency, 150V 250mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC7138
High Efficiency, 150V 400mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC3899
60V Triple Output, Buck/Buck/Boost Synchronous Controller
with 30µA Burst Mode IQ
4.5V(Down to 2.2V After Start-Up) ≤ VIN ≤ 60V, Buck VOUT Range: 0.8V to
60V, Boost VOUT Up to 60V
LTC7860
High Efficiency Switching Surge Stopper
3.5V ≤ VIN ≤ 60V, Expandable to 200V+, Adjustable VOUT Clamp and
Current Limit, Power Inductor Improves EMI, MSOP-12
LT8631
100V, 1A Synchronous Micropower Step-Down Regulator
Integrated Power MOSFETs, 3V ≤ VIN ≤ 100V, 0.8V ≤ VOUT ≤ 60V,
IQ = 7µA, TSSOP-20(16)
LTC3896
150V Low IQ, Synchronous Inverting DC/DC Controller
4V ≤ VIN ≤ 140V, 150VPK, –60V ≤ VOUT ≤ –0.8V, Ground-Reference
Interface Pins, Adjustable 5V to 10V Gate Drive, IQ = 40µA
LTC3897
PolyPhase Synchronous Boost Controller with Input/Output
Protection and Adjustable Gate Drive Voltage
4.5V ≤ VIN ≤ 65V, VOUT Up to 60V, IQ = 55µA Fixed Frequency 50kHz to
900kHz
LTC7103
105V, 2.3A Low EMI Synchronous Step-Down Regulator
4.4V ≤ VIN ≤ 105V, 1V ≤ VOUT ≤ VIN, IQ = 2µA Fixed Frequency 200kHz to
2MHz, 5mm × 6mm QFN
150µF
COUTA
22µF
COUTB
RSENSE
8m
MBOT
MTOP
CB
0.1µF
L1
33µH
CSNS
1nF
CITHA
4.7nF
CITHB
100pF
RA
36.5k
CSS
0.1µF
CINTVCC
0.1µF
RPGOOD
100k
CDRVCC
4.7µF
100µF
CINA
0.47µF
CINB
RB
511k
RITH
10k
RFREQ
30.1k
RDRVSET
80.6k
CB
10pF
VIN
INTVCC
CPUMP_EN
DRVSET
DRVUV
ITH
SS
LTC7801
TG
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
BOOST
NDRV
DRVCC
VIN
7V to 140V
VOUT
12V*
5A
*VOUT FOLLOWS VIN WHEN VIN < 12V
OVLO
PGOOD
GND
RUN
FREQ
7801 F13
PLLIN
MTOP, MBOT: BSC520N15NS3G
L1: WURTH 7443633300
COUTA: AVX TPSD157M016R0125
x2
x3
MODE
x3
Figure 13. High Efficiency 140V to 12V Step-Down Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com