Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 22Page - Linear Technology LTC3871 Datasheet HTML 23Page - Linear Technology LTC3871 Datasheet HTML 24Page - Linear Technology LTC3871 Datasheet HTML 25Page - Linear Technology LTC3871 Datasheet HTML 26Page - Linear Technology LTC3871 Datasheet HTML 27Page - Linear Technology LTC3871 Datasheet HTML 28Page - Linear Technology LTC3871 Datasheet HTML 29Page - Linear Technology LTC3871 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LTC7801
26
7801f
For more information www.linear.com/LTC7801
applicaTions inForMaTion
Fault Conditions: Current Limit and Current Foldback
The LTC7801 includes current foldback to help limit
load current when the output is shorted to ground. If
the output voltage falls below 70% of its nominal output
level, then the maximum sense voltage is progressively
lowered from 100% to 40% of its maximum selected
value. Under short-circuit conditions with very low duty
cycles, the LTC7801 will begin cycle skipping in order to
limit the short-circuit current. In this situation the bottom
MOSFET will be dissipating most of the power but less
than in normal operation. The short-circuit ripple current
is determined by the minimum on-time, tON(MIN), of the
LTC7801 (≈80ns), the input voltage and inductor value:
∆IL(SC) = tON(MIN)
VIN
L
The resulting average short-circuit current is:
ISC = 45% •ILIM(MAX) −
1
2
∆IL(SC)
Fault Conditions: Overvoltage Protection (Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
muchhigherthannominallevels.Thecrowbarcauseshuge
currents to flow, that blow the fuse to protect against a
shorted top MOSFET if the short occurs while the control-
ler is operating.
A comparator monitors the output for overvoltage condi-
tions. The comparator detects faults greater than 10%
above the nominal output voltage. When this condition
is sensed, the top MOSFET is turned off and the bottom
MOSFET is turned on until the overvoltage condition is
cleared. The bottom MOSFET remains on continuously for
aslongastheovervoltageconditionpersists;ifVOUTreturns
to a safe level, normal operation automatically resumes.
AshortedtopMOSFETwillresultinahighcurrentcondition
which will open the system fuse. The switching regulator
will regulate properly with a leaky top MOSFET by altering
the duty cycle to accommodate the leakage.
Fault Conditions: Overtemperature Protection
At higher temperatures, or in cases where the internal
power dissipation causes excessive self heating on chip,
the overtemperature shutdown circuitry will shut down
the LTC7801. When the junction temperature exceeds ap-
proximately175°C,theovertemperaturecircuitrydisables
the DRVCC LDO, causing the DRVCC supply to collapse and
effectively shutting down the entire LTC7801 chip. Once
the junction temperature drops back to the approximately
155°C, the DRVCC LDO turns back on. Long term over-
stress (TJ > 125°C) should be avoided as it can degrade
the performance or shorten the life of the part.
Phase-Locked Loop and Frequency Synchronization
The LTC7801 has an internal phase-locked loop (PLL)
comprised of a phase frequency detector, a lowpass filter,
and a voltage-controlled oscillator (VCO). This allows
the turn-on of the top MOSFET to be locked to the rising
edge of an external clock signal applied to the PLLIN pin.
The phase detector is an edge sensitive digital type that
provides zero degrees phase shift between the external
and internal oscillators. This type of phase detector does
not exhibit false lock to harmonics of the external clock.
If the external clock frequency is greater than the inter-
nal oscillator’s frequency, fOSC, then current is sourced
continuously from the phase detector output, pulling up
the VCO input. When the external clock frequency is less
than fOSC, current is sunk continuously, pulling down the
VCO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com