Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 154Page - Texas Instruments AM3351 Datasheet HTML 155Page - Texas Instruments AM3351 Datasheet HTML 156Page - Texas Instruments AM3351 Datasheet HTML 157Page - Texas Instruments AM3351 Datasheet HTML 158Page - Texas Instruments AM3351 Datasheet HTML 159Page - Texas Instruments AM3351 Datasheet HTML 160Page - Texas Instruments AM3351 Datasheet HTML 161Page - Texas Instruments AM3351 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 252 page
background image
DDR_CK
1
DDR_CKn
158
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.7.2.2
DDR2 Routing Guidelines
7.7.2.2.1 Board Designs
TI only supports board designs that follow the guidelines outlined in this document. Table 7-43 and
Figure 7-38 show the switching characteristics and timing diagram for the DDR2 memory interface.
Table 7-43. Switching Characteristics for DDR2 Memory Interface
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(DDR_CK)
tc(DDR_CKn)
Cycle time, DDR_CK and DDR_CKn
3.75
8(1)
ns
(1) The JEDEC JESD79-2F specification defines the maximum clock period of 8 ns for all standard-speed bin DDR2 memory devices.
Therefore, all standard-speed bin DDR2 memory devices are required to operate at 125 MHz.
Figure 7-38. DDR2 Memory Interface Clock Timing
7.7.2.2.2 DDR2 Interface
This section provides the timing specification for the DDR2 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable DDR2 memory system without the need
for a complex timing closure process. For more information regarding the guidelines for using this DDR2
specification, see Understanding TI’s PCB Routing Rule-Based DDR Timing Specification. This application
report provides generic guidelines and approach. All the specifications provided in the data manual take
precedence over the generic guidelines and must be adhered to for a reliable DDR2 interface operation.
7.7.2.2.2.1 DDR2 Interface Schematic
Figure 7-39 shows the schematic connections for 16-bit interface on the AM335x device using one x16
DDR2 device and Figure 7-40 shows the schematic connections for 16-bit interface on the AM335x device
using two x8 DDR2 devices. The AM335x DDR2 memory interface only supports 16-bit-wide mode of
operation. The AM335x device can only source one load connected to the DQS[x] and DQ[x] net class
signals and two loads connected to the CK and ADDR_CTRL net class signals. For more information
related to net classes, see Section 7.7.2.2.2.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com