Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 85Page - Texas Instruments AM3351 Datasheet HTML 86Page - Texas Instruments AM3351 Datasheet HTML 87Page - Texas Instruments AM3351 Datasheet HTML 88Page - Texas Instruments AM3351 Datasheet HTML 89Page - Texas Instruments AM3351 Datasheet HTML 90Page - Texas Instruments AM3351 Datasheet HTML 91Page - Texas Instruments AM3351 Datasheet HTML 92Page - Texas Instruments AM3351 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 252 page
background image
89
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
DC Electrical Characteristics (continued)
over recommended ranges of supply voltage and operating temperature (unless otherwise noted)
(1)
PARAMETER
MIN
NOM
MAX
UNIT
ECAP0_IN_PWM0_OUT,UART0_CTSn,UART0_RTSn,UART0_RXD,UART0_TXD,UART1_CTSn,UART1_RTSn,UART1_RXD,UART1_TXD,I2C0_SDA,I2C0_
SCL,XDMA_EVENT_INTR0,XDMA_EVENT_INTR1,WARMRSTn,EXTINTn,TMS,TDO,USB0_DRVVBUS,USB1_DRVVBUS (VDDSHV6 = 1.8 V)
VIH
High-level input voltage
0.65 × VDDSHV6
V
VIL
Low-level input voltage
0.35 × VDDSHV6
V
VHYS
Hysteresis voltage at an input
0.18
0.305
V
VOH
High-level output voltage, driver enabled, pullup or
pulldown disabled
IOH = 4 mA
VDDSHV6 – 0.45
V
VOL
Low-level output voltage, driver enabled, pullup or
pulldown disabled
IOL = 4 mA
0.45
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
8
µA
Input leakage current, Receiver disabled, pullup enabled
–161
–100
–52
Input leakage current, Receiver disabled, pulldown enabled
52
100
170
IOZ
Total leakage current through the terminal connection of a driver-receiver
combination that may include a pullup or pulldown. The driver output is
disabled and the pullup or pulldown is inhibited.
8
µA
ECAP0_IN_PWM0_OUT,UART0_CTSn,UART0_RTSn,UART0_RXD,UART0_TXD,UART1_CTSn,UART1_RTSn,UART1_RXD,UART1_TXD,I2C0_SDA,I2C0_
SCL,XDMA_EVENT_INTR0,XDMA_EVENT_INTR1,WARMRSTn,EXTINTn,TMS,TDO,USB0_DRVVBUS,USB1_DRVVBUS (VDDSHV6 = 3.3 V)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VHYS
Hysteresis voltage at an input
0.265
0.44
V
VOH
High-level output voltage, driver enabled, pullup or
pulldown disabled
IOH = 4 mA
VDDSHV6 – 0.45
V
VOL
Low-level output voltage, driver enabled, pullup or
pulldown disabled
IOL = 4 mA
0.45
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
18
µA
Input leakage current, Receiver disabled, pullup enabled
–243
–100
–19
Input leakage current, Receiver disabled, pulldown enabled
51
110
210
IOZ
Total leakage current through the terminal connection of a driver-receiver
combination that may include a pullup or pulldown. The driver output is
disabled and the pullup or pulldown is inhibited.
18
µA
TCK (VDDSHV6 = 1.8 V)
VIH
High-level input voltage
1.45
V
VIL
Low-level input voltage
0.46
V
VHYS
Hysteresis voltage at an input
0.4
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
8
µA
Input leakage current, Receiver disabled, pullup enabled
–161
–100
–52
Input leakage current, Receiver disabled, pulldown enabled
52
100
170
TCK (VDDSHV6 = 3.3 V)
VIH
High-level input voltage
2.15
V
VIL
Low-level input voltage
0.46
V
VHYS
Hysteresis voltage at an input
0.4
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
18
µA
Input leakage current, Receiver disabled, pullup enabled
–243
–100
–19
Input leakage current, Receiver disabled, pulldown enabled
51
110
210
PWRONRSTn (VDDSHV6 = 1.8 or 3.3 V)(2)
VIH
High-level input voltage
1.35
V
VIL
Low-level input voltage
0.5
V
VHYS
Hysteresis voltage at an input
0.07
V
II
Input leakage current
VI = 1.8 V
0.1
µA
VI = 3.3 V
2
RTC_PWRONRSTn
VIH
High-level input voltage
0.65 ×
VDDS_RTC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com