Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 14Page - Texas Instruments AM3351 Datasheet HTML 15Page - Texas Instruments AM3351 Datasheet HTML 16Page - Texas Instruments AM3351 Datasheet HTML 17Page - Texas Instruments AM3351 Datasheet HTML 18Page - Texas Instruments AM3351 Datasheet HTML 19Page - Texas Instruments AM3351 Datasheet HTML 20Page - Texas Instruments AM3351 Datasheet HTML 21Page - Texas Instruments AM3351 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 252 page
background image
18
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
4.2
Pin Attributes
The AM335x and AMIC110 Sitara Processors Technical Reference Manual and this document may
reference internal signal names when discussing peripheral input and output signals because many of the
AM335x package terminals can be multiplexed to one of several peripheral signals. The following table
has a Pin Name column that lists all device terminal names and a Signal Name column that lists all
internal signal names multiplexed to each terminal which provides a cross reference of internal signal
names to terminal names. This table also identifies other important terminal characteristics.
(1) BALL NUMBER: Package ball numbers associated with each signals.
(2) PIN NAME: The name of the package pin or terminal.
Note: The table does not take into account subsystem terminal multiplexing options.
(3) SIGNAL NAME: The signal name for that pin in the mode being used.
(4) MODE: Multiplexing mode number.
a.
Mode 0 is the primary mode; this means that when mode 0 is set, the function mapped on the terminal corresponds to the name of
the terminal. There is always a function mapped on the primary mode. Notice that primary mode is not necessarily the default
mode.
Note: The default mode is the mode at the release of the reset; also see the RESET REL. MODE column.
b.
Modes 1 to 7 are possible modes for alternate functions. On each terminal, some modes are effectively used for alternate
functions, while some modes are not used and do not correspond to a functional configuration.
(5) TYPE: Signal direction
–
I = Input
–
O = Output
–
I/O = Input and Output
–
D = Open drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
Note: In the safe_mode, the buffer is configured in high-impedance.
(6) BALL RESET STATE: State of the terminal while the active low PWRONRSTn terminal is low.
–
0: The buffer drives VOL (pulldown or pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown or pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z: High-impedance
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
(7) BALL RESET REL. STATE: State of the terminal after the active low PWRONRSTn terminal transitions from low to high.
–
0: The buffer drives VOL (pulldown or pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown or pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z: High-impedance.
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
(8) RESET REL. MODE: The mode is automatically configured after the active low PWRONRSTn terminal transitions from low to high.
(9) POWER: The voltage supply that powers the I/O buffers of the terminal.
(10) HYS: Indicates if the input buffer is with hysteresis.
(11) BUFFER STRENGTH: Drive strength of the associated output buffer.
(12) PULLUP OR PULLDOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors can
be enabled or disabled via software.
(13) I/O CELL: I/O cell information.
Note: Configuring two terminals to the same input signal is not supported as it can yield unexpected results. This can be easily prevented
with the proper software configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com